Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2871 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC2871
Description  Resonant Fluorescent Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2871 Datasheet(HTML) 1 Page - Texas Instruments

  UC2871 Datasheet HTML 1Page - Texas Instruments UC2871 Datasheet HTML 2Page - Texas Instruments UC2871 Datasheet HTML 3Page - Texas Instruments UC2871 Datasheet HTML 4Page - Texas Instruments UC2871 Datasheet HTML 5Page - Texas Instruments UC2871 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10/94
BLOCK DIAGRAM
1
µA ICC when Disabled
PWM Control for LCD Supply
Zero Voltage Switched (ZVS) on
Push-Pull Drivers
Open Lamp Detect Circuitry
4.5V to 20V Operation
Non-saturating Transformer
Topology
Smooth 100% Duty Cycle on
Buck PWM and 0% to 95% on
Flyback PWM
The UC1871 Family of IC’s is optimized for highly efficient fluorescent lamp
control. An additional PWM controller is integrated on the IC for applications re-
quiring an additional supply, as in LCD displays. When disabled the IC draws
only 1
µA, providing a true disconnect feature, which is optimum for battery
powered systems. The switching frequency of all outputs are synchronized to
the resonant frequency of the external passive network, which provides Zero
Voltage Switching on the Push-Pull drivers.
Soft-Start and open lamp detect circuitry have been incorporated to minimize
component stress. An open lamp is detected on the completion of a soft-start
cycle.
The Buck controller is optimized for smooth duty cycle control to 100%, while
the flyback control ensures a maximum duty cycle of 95%.
Other features include a precision 1% reference, under voltage lockout, flyback
current limit, and accurate minimum and maximum frequency control.
Resonant Fluorescent Lamp Driver
FEATURES
DESCRIPTION
UDG-92061-1
UC1871
UC2871
UC3871
Note: Pin numbers refer to DIL-18 and SOIC-18 packages only.


Similar Part No. - UC2871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2871 TI1-UC2871 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871DW TI1-UC2871DW Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871DWG4 TI1-UC2871DWG4 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871N TI1-UC2871N Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871NG4 TI1-UC2871NG4 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
More results

Similar Description - UC2871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
   High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
   600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com