Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1878J Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1878J
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1878J Datasheet(HTML) 3 Page - Texas Instruments

  UC1878J Datasheet HTML 1Page - Texas Instruments UC1878J Datasheet HTML 2Page - Texas Instruments UC1878J Datasheet HTML 3Page - Texas Instruments UC1878J Datasheet HTML 4Page - Texas Instruments UC1878J Datasheet HTML 5Page - Texas Instruments UC1878J Datasheet HTML 6Page - Texas Instruments UC1878J Datasheet HTML 7Page - Texas Instruments UC1878J Datasheet HTML 8Page - Texas Instruments UC1878J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, –55°C < TA < 125°C for the UC1875/6/7/8, –25°C < TA <
85°C for the UC2875/6/7/8 and 0°C < TA < 70°C for the UC3875/6/7/8, VC = VIN = 12V, RFREQSET = 12kΩ,CFREQSET = 330pF,
RSLOPE = 12kΩ,CRAMP = 200pF, CDELAYSET A-B =CDELAYSET C-D = 0.01µF, IDELAYSET A-B =IDELAYSET C-D = –500µA, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
Start Threshold
UC1875/UC1877
10.75
11.75
V
UC1876/UC1878
15.25
V
UVLO Hysteresis
UC1875/UC1877
0.5
1.25
2.0
V
UC1876/UC1878
6.0
V
Supply Current
IIN Startup
VIN = 8V, VC = 20V, RSLOPE open, IDELAY = 0
150
600
µA
IC Startup
VIN = 8V, VC = 20V, RSLOPE open, IDELAY = 0
10
100
µA
IIN
30
44
mA
IC
15
30
mA
Voltage Reference
Output Voltage
TJ = +25°C
4.92
5
5.08
V
Line Regulation
11 < VIN < 20V
1
10
mV
Load Regulation
IVREF = –10mA
5
20
mV
Total Variation
Line, Load, Temperature
4.9
5.1
V
Noise Voltage
10Hz to 10kHz
50
µVrms
Long Term Stability
TJ = 125°C, 1000 hours
2.5
mV
Short Circuit Current
VREF = 0V, TJ = 25°C
60
mA
PLCC-28 (Top View)
QP Package


Similar Part No. - UC1878J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1878 TI1-UC1878 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Similar Description - UC1878J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com