Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2906 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2906
Description  Sealed Lead-Acid Battery Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2906 Datasheet(HTML) 1 Page - Texas Instruments

  UC2906 Datasheet HTML 1Page - Texas Instruments UC2906 Datasheet HTML 2Page - Texas Instruments UC2906 Datasheet HTML 3Page - Texas Instruments UC2906 Datasheet HTML 4Page - Texas Instruments UC2906 Datasheet HTML 5Page - Texas Instruments UC2906 Datasheet HTML 6Page - Texas Instruments UC2906 Datasheet HTML 7Page - Texas Instruments UC2906 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC2906
UC3906
Sealed Lead-Acid Battery Charger
FEATURES
Optimum Control for Maximum
Battery Capacity and Life
Internal State Logic Provides
Three Charge States
Precision Reference Tracks
Battery Requirements Over
Temperature
Controls Both Voltage and
Current at Charger Output
System Interface Functions
Typical Standby Supply
Current of only 1.6mA
DESCRIPTION
The UC2906 series of battery charger controllers contains all of the necessary
circuitry to optimally control the charge and hold cycle for sealed lead-acid batter-
ies. These integrated circuits monitor and control both the output voltage and cur-
rent of the charger through three separate charge states; a high current
bulk-charge state, a controlled over-charge, and a precision float-charge, or
standby, state.
Optimum charging conditions are maintained over an extended temperature
range with an internal reference that tracks the nominal temperature charac-
teristics of the lead-acid cell. A typical standby supply current requirement of only
1.6mA allows these ICs to predictably monitor ambient temperatures.
Separate voltage loop and current limit amplifiers regulate the output voltage and
current levels in the charger by controlling the onboard driver. The driver will sup-
ply up to 25mA of base drive to an external pass device. Voltage and current
sense comparators are used to sense the battery condition and respond with
logic inputs to the charge state logic. A charge enable comparator with a trickle
bias output can be used to implement a low current turn-on mode of the charger,
preventing high current charging during abnormal conditions such as a shorted
battery cell.
Other features include a supply under-voltage sense circuit with a logic output to
indicate when input power is present. In addition the over-charge state of the
charger can be externally monitored and terminated using the over-charge indi-
cate output and over-charge terminate input.
BLOCK DIAGRAM
SLUS186 - SEPTEMBER 1996


Similar Part No. - UC2906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2906DW TI-UC2906DW Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DW TI1-UC2906DW Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DWG4 TI-UC2906DWG4 Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DWG4 TI1-UC2906DWG4 Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DWTR TI-UC2906DWTR Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results

Similar Description - UC2906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-6500A-C POWER-SONIC-PSC-6500A-C Datasheet
335Kb / 1P
   Sealed Lead Acid Battery Charger
PSC-124000A-C POWER-SONIC-PSC-124000A-C Datasheet
337Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
   Intelligent Sealed Lead Acid Solar Battery Charger
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
Silver Telecom 2019
AG102 SILVERTEL-AG102 Datasheet
287Kb / 15P
   Intelligent Sealed Lead Acid Battery Charger Module
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com