Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28266FUZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28266FUZ
Description  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28266FUZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28266FUZ Datasheet HTML 4Page - Intersil Corporation ISL28266FUZ Datasheet HTML 5Page - Intersil Corporation ISL28266FUZ Datasheet HTML 6Page - Intersil Corporation ISL28266FUZ Datasheet HTML 7Page - Intersil Corporation ISL28266FUZ Datasheet HTML 8Page - Intersil Corporation ISL28266FUZ Datasheet HTML 9Page - Intersil Corporation ISL28266FUZ Datasheet HTML 10Page - Intersil Corporation ISL28266FUZ Datasheet HTML 11Page - Intersil Corporation ISL28266FUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6155.4
August 29, 2008
FIGURE 27. IOS vs TEMPERATURE, VS = ±1.2V
FIGURE 28. CMRR vs TEMPERATURE V+ = ±2.5V, ±1.5V
FIGURE 29. PSRR vs TEMPERATURE ±1.2V TO ±2.5V
FIGURE 30. VOUT HIGH vs TEMP VS = ±2.5V, RL = 1k
FIGURE 31. VOUT HIGH VS = ±2.5V, RL = 100k
FIGURE 32. VOUT LOW VS = ±2.5V, RL = 1k
Typical Performance Curves (Continued)
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
MAX
n = 50
MIN
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
90
95
100
105
110
115
120
125
130
135
140
MAX
n = 50
MIN
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
85
90
95
100
105
110
115
120
125
130
135
MAX
n = 50
MIN
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
4.84
4.85
4.86
4.87
4.88
4.89
4.9
MAX
n = 50
MIN
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
4.9935
4.994
4.9945
4.995
4.9955
4.996
4.9965
MAX
n = 50
MIN
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
100
110
120
130
140
150
160
170
MAX
n = 50
MIN
MEDIAN
ISL28166, ISL28266


Similar Part No. - ISL28266FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28266FUZ INTERSIL-ISL28266FUZ Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28266FUZ-T7 INTERSIL-ISL28266FUZ-T7 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

Similar Description - ISL28266FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com