Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28476FAZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28476FAZ
Description  Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28476FAZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28476FAZ Datasheet HTML 6Page - Intersil Corporation ISL28476FAZ Datasheet HTML 7Page - Intersil Corporation ISL28476FAZ Datasheet HTML 8Page - Intersil Corporation ISL28476FAZ Datasheet HTML 9Page - Intersil Corporation ISL28476FAZ Datasheet HTML 10Page - Intersil Corporation ISL28476FAZ Datasheet HTML 11Page - Intersil Corporation ISL28476FAZ Datasheet HTML 12Page - Intersil Corporation ISL28476FAZ Datasheet HTML 13Page - Intersil Corporation ISL28476FAZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN6301.4
June 23, 2009
FIGURE 25. ISL28476 SUPPLY CURRENT vs TEMPERATURE,
V+, V- = ±2.5V ENABLED, RL = INF
FIGURE 26. ISL28276 SUPPLY CURRENT vs TEMPERATURE,
V+, V- = ±2.5V DISABLED, RL = INF
FIGURE 27. ISL28176 INPUT OFFSET VOLTAGE vs
TEMPERATURE VS = ±2.5V
FIGURE 28. ISL28176 INPUT OFFSET VOLTAGE vs
TEMPERATURE VS = ±1.2V
FIGURE 29. ISL28276 VOS vs TEMPERATURE, VIN = 0V,
V+,V- = ±2.5V
FIGURE 30. ISL28276 VOS vs TEMPERATURE, VIN = 0V,
V+,V- = ±1.2V
Typical Performance Curves (Continued)
MAX
MEDIAN
MIN
N = 1000
320
300
280
260
240
220
200
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 7
4.9
4.7
4.5
4.3
4.1
3.9
3.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
3.7
-50
50
100
150
200
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
SO PACKAGE
n = 12
MAX
MEDIAN
0
MIN
-50
0
50
100
150
200
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
SO PACKAGE
n = 12
MAX
MIN
MEDIAN
MAX
MEDIAN
MIN
N = 7
150
100
50
0
-50
-100
-150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 7
150
100
50
0
-50
-100
-150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ISL28176, ISL28276, ISL28476


Similar Part No. - ISL28476FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28476FAZ INTERSIL-ISL28476FAZ Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Renesas Technology Corp
ISL28476FAZ RENESAS-ISL28476FAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28476FAZ-T7 INTERSIL-ISL28476FAZ-T7 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - ISL28476FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com