Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3034EIRTZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL3034EIRTZ
Description  4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3034EIRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL3034EIRTZ Datasheet HTML 1Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 2Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 3Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 4Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 5Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 6Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 7Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 8Page - Intersil Corporation ISL3034EIRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6492.0
March 31, 2009
ESD PROTECTION
All Input and I/O Pins From Pin to
GND
IEC61000-4-2 Air-Gap Discharge
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
>±9
-
kV
Human Body Model
25
-
±15
-
kV
All Pins
HBM, per JEDEC
25
-
>±12
-
kV
Machine Model, per JEDEC
25
-
±1300
-
V
LOGIC-LEVEL THRESHOLDS
I/OVL, CLK_VL Input Voltage
High Threshold
VIHL
(Note 7)
Full
-
-
VL - 0.2
V
I/OVL, CLK_VL Input Voltage
Low Threshold
VILL
(Note 7)
Full
0.15
-
-
V
I/OVCC, CLK_VCC Input Voltage
High Threshold
VIHC
(Note 7)
Full
-
-
VCC - 0.4
V
I/OVCC, CLK_VCC Input Voltage
Low Threshold
VILC
(Note 7)
Full
0.2
-
-
V
EN Input Voltage High Threshold
VIH
Full
-
-
VL - 0.4
V
EN Input Voltage Low Threshold
VIL
Full
0.4
-
-
V
I/OVL, CLK_RET Output Voltage
High
VOHL
IOH = 20µA, I/OVCC ≥ VCC - 0.4V
Full
2/3 VL
--
V
I/OVL, CLK_RET Output Voltage
Low
VOLL
IOL = 20µA, I/OVCC ≤ 0.2V
Full
-
-
1/3 VL
V
I/OVCC, CLK_VCC Output
Voltage High
VOHC
IOH = 20µA, I/OVL ≥ VL - 0.2V
Full
2/3 VCC
--
V
I/OVCC, CLK_VCC Output
Voltage Low
VOLC
IOL = 20µA, I/OVL ≤ 0.15V
Full
-
-
1/3 VCC
V
RISE/FALL TIME ACCELERATOR STAGE
Accelerator Pulse Duration
On falling edge
25
-
3
-
ns
On rising edge
25
-
3
-
ns
I/OVL, CLK_RET Output
Accelerator Source Impedance
VL = 1.62V
25
-
11
-
Ω
VL = 3.2V
25
-
6
-
Ω
I/OVCC, CLK_VCC Output
Accelerator Source Impedance
VCC = 2.2V
25
-
9
-
Ω
VCC = 3.6V
25
-
8
-
Ω
I/OVL, CLK_RET Output
Accelerator Sink Impedance
VL = 1.62V
25
-
9
-
Ω
VL = 3.2V
25
-
8
-
Ω
I/OVCC, CLKVCC Output
Accelerator Sink Impedance
VCC = 2.2V
25
-
10
-
Ω
VCC = 3.6V
25
-
9
-
Ω
TIMING CHARACTERISTICS (RSOURCE = 150Ω, Input rise/fall time ≤ 1ns)
I/OVCC, CLK_VCC Rise Time
tRVCC
RS = 150Ω, CI/OVCC = 10pF, CCLK_VCC = 10pF,
push-pull drivers
Full
-
-
3.2
ns
I/OVCC, CLK_VCC Fall Time
tFVCC
RS = 150Ω, CI/OVCC = 10pF, CCLK_VCC = 10pF
Full
-
-
3.2
ns
I/OVL, CLK_RET Rise Time
tRVL
RS = 150Ω, CI/OVL = 15pF,
CCLK_RET = 15pF, push-pull drivers
VL ≥ 1.35V
Full
-
-
4
ns
VL ≥ 1.62V
Full
-
-
3.5
ns
Electrical Specifications
VCC = +2.2V to +3.6V, VL = +1.35V to +3.2V, EN = VL, unless otherwise noted. Typical values are at
VCC =+3.3V, VL = +1.8V and TA = +25°C. (Note 6). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
ISL3034E, ISL3035E, ISL3036E


Similar Part No. - ISL3034EIRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3034EIRTZ RENESAS-ISL3034EIRTZ Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
ISL3034EIRTZ-T RENESAS-ISL3034EIRTZ-T Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
More results

Similar Description - ISL3034EIRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
   High-speed serial logic translators
2001 Jun 19
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com