Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24021IRT065Z-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL24021IRT065Z-T13
Description  1A Rail-to-Rail Input-Output Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021IRT065Z-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL24021IRT065Z-T13 Datasheet HTML 3Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 4Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 5Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 6Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 7Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 8Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 9Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 10Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6637.0
June 3, 2009
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 14. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 15. STEP SIZE vs SETTLING TIME
FIGURE 16. OPEN LOOP GAIN AND PHASE
FIGURE 17. CMRR vs FREQUENCY
FIGURE 18. PSRR vs FREQUENCY
Typical Performance Curves (Continued)
VS = ±5V
AV = 1
CL = 1.5pF
560
Ω
1k
Ω
100k
1M
10M
100M
5
4
3
2
1
0
-1
-2
-3
-4
-5
FREQUENCY (Hz)
150
Ω
10
8
6
4
2
0
-2
-4
-6
-8
-10
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
AV = 1
RL = OPEN
47pF
10pF
100pF
0.1%
VS = ±5V
AV = 1
RL = 1kΩ
50
60
70
80
90
100
110
5
4
3
2
1
0
-1
-2
-3
-4
-5
SETTLING TIME (ns)
-80
-60
-40
-20
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
GAIN (dB)
PHASE (°)
VS = ±5V
TA = +25°C
100
1k
10k
100k
1M
10M
100M
-10
-20
-30
-40
-50
-60
-70
-80
-90
FREQUENCY (Hz)
VS = ±5V
RL = 1kΩ
TA = +25°C
-10
-20
-30
-40
-50
-60
-70
-80
-90
0
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
PSRR+
PSRR-
VS = ±5V
RL = 1kΩ
TA = +25°C
ISL24021


Similar Part No. - ISL24021IRT065Z-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - ISL24021IRT065Z-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com