Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29023 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL29023
Description  Integrated Digital Ambient Light Sensor with Interrupt Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29023 Datasheet HTML 2Page - Intersil Corporation ISL29023 Datasheet HTML 3Page - Intersil Corporation ISL29023 Datasheet HTML 4Page - Intersil Corporation ISL29023 Datasheet HTML 5Page - Intersil Corporation ISL29023 Datasheet HTML 6Page - Intersil Corporation ISL29023 Datasheet HTML 7Page - Intersil Corporation ISL29023 Datasheet HTML 8Page - Intersil Corporation ISL29023 Datasheet HTML 9Page - Intersil Corporation ISL29023 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6691.0
March 3, 2009
2. Interrupt flag; Bit 2. This is the status bit of the interrupt.
The bit is set to logic high when the interrupt thresholds
have been triggered (out of threshold window), and logic
low when not yet triggered. Once activated and the
interrupt is triggered, the INT pin goes low and the
interrupt status bit goes high until the status bit is polled
through the I2C read command. Both the INT output and
the interrupt status bit are automatically cleared at the
end of the 8-bit (00h) command register transfer.
3. Interrupt persist; Bits 1 and 0. The interrupt pin and the
interrupt flag are triggered/set when the data sensor
reading is out of the interrupt threshold window after m
consecutive number of integration cycles. The interrupt
persist bits determine m.
Command Register II 01(hex)
The second command register has the following functions:
1. Resolution: Bits 3 and 2. Bits 3 and 2 determine the ADC’s
resolution and the number of clock cycles per conversion.
Changing the number of clock cycles does more than just
change the resolution of the device; it also changes the
integration time, which is the period the device’s analog-to-
digital (A/D) converter samples the photodiode current
signal for a measurement.
.
2. Range: Bits 1 and 0. The Full Scale Range (FSR) can be
adjusted via I2C using Bits 1 and 0. Table 6 lists the
possible values of FSR for the 499k
Ω REXT resistor.
Data Registers (02 hex and 03 hex)
The device has two 8-bit read-only registers to hold the data
from LSB to MSB for ADC. The most significant bit (MSB) is
accessed at 03 hex, and the least significant bit (LSB) is
accessed at 02 hex. For 16-bit resolution, the data is from
D0 to D15; for 12-bit resolution, the data is from D0 to D11;
for 8-bit resolution, the data is from D0 to D7. The registers
are refreshed after every conversion cycle.
Interrupt Registers (04, 05, 06 and 07 hex)
Registers 04 and 05 hex set the low (LO) threshold for the
interrupt pin and the interrupt flag. 04 hex is the LSB and 05
hex is the MSB. By default, the Interrupt threshold LO is 00
hex for both LSB and MSB.
Registers 06 and 07 hex set the high (HI) threshold for the
interrupt pin and the interrupt flag. 06 hex is the LSB and 07
hex is the MSB. By default, the Interrupt threshold HI is FF
hex for both LSB and MSB.
Calculating Lux
The ISL29023’s ADC output codes, DATA, are directly
proportional to lux in the ambient light sensing.
Here, Ecal is the calculated lux reading. The constant α is
determined by the Full Scale Range and the ADC’s
maximum output counts. The constant is independent of the
light sources (fluorescent, incandescent and sunlight)
because the light sources’ IR component is removed during
the light signal process. The constant can also be viewed as
the sensitivity (the smallest lux measurement the device can
measure).
Here, Range(k) is defined in Table 6. Countmax is the
maximum output counts from the ADC.
The transfer function used for n-bits ADC becomes:
Here, n = 4, 8, 12 or 16. This is the number of ADC bits
programmed in the command register. 2n represents the
maximum number of counts possible from the ADC output.
Data is the ADC output stored in the data registers (02 hex
and 03 hex).
TABLE 3. INTERRUPT FLAG
BIT 2
OPERATION
0
Interrupt is cleared or not triggered yet
1
Interrupt is triggered
TABLE 4. INTERRUPT PERSIST
BIT 1:0
NUMBER OF INTEGRATION CYCLES
00
1
01
4
10
8
11
16
TABLE 5. ADC RESOLUTION DATA WIDTH
BITS 3:2
NUMBER OF CLOCK CYCLES
n-BIT ADC
00
216 = 65,536
16
01
212 = 4,096
12
10
28 = 256
8
11
24 = 16
4
TABLE 6. RANGE/FSR LUX
BITS
1:0
k
RANGE(k)
FSR (LUX) @
ALS SENSING
FSR @ IR
SENSING
00
1
Range1
1,000
Refer to page 3
01
2
Range2
4,000
Refer to page 3
10
3
Range3
16,000
Refer to page 3
11
4
Range4
64,000
Refer to page 3
TABLE 7. DATA REGISTERS
ADDRESS
(hex)
CONTENTS
02
D0 is LSB for 4, 8, 12 or 16-bit resolution; D3 is MSB for
4-bit resolution; D7 is MSB for 8-bit resolution
03
D15 is MSB for 16-bit resolution; D11 is MSB for 12-bit
resolution
Ecal
α DATA
×
=
(EQ. 1)
α
Range k
()
Countmax
----------------------------
=
(EQ. 2)
(EQ. 3)
Ecal
Range k
()
2
n
---------------------------
DATA
×
=
ISL29023


Similar Part No. - ISL29023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISL29023 TI1-ISL29023 Datasheet
394Kb / 14P
[Old version datasheet]   BOOSTXL-SENSHUB Sensor Hub BoosterPack
logo
Renesas Technology Corp
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
623Kb / 14P
   Integrated Digital Light Sensor with Interrupt
May 1, 2014
ISL29023IROZ-EVALZ INTERSIL-ISL29023IROZ-EVALZ Datasheet
623Kb / 14P
   Integrated Digital Light Sensor with Interrupt
May 1, 2014
logo
Renesas Technology Corp
ISL29023IROZ-EVALZ RENESAS-ISL29023IROZ-EVALZ Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

Similar Description - ISL29023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com