Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29023IROZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29023IROZ-T7
Description  Integrated Digital Ambient Light Sensor with Interrupt Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023IROZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29023IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29023IROZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6691.0
March 3, 2009
Typical Performance Curves (VDD = 3V, REXT = 499kΩ)
FIGURE 4. NORMALIZED SPECTRAL RESPONSE OF LIGHT
SOURCES
FIGURE 5. NORMALIZED SPECTRAL RESPONSE FOR
AMBIENT LIGHT SENSING AND IR SENSING
FIGURE 6. RADIATION PATTERN
FIGURE 7. SENSITIVITY TO THREE LIGHT SOURCES
FIGURE 8. OUTPUT CODE FOR 0 LUX vs TEMPERATURE
FIGURE 9. OUTPUT CODE vs TEMPERATURE
0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
500
600
700
800
900
1000 1100
WAVELENGTH (nm)
SUN
HALOGEN
INCANDESCENT
FLUORESCENT
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
500
600
700
800
900
1000 1100
WAVELENGTH (nm)
HUMAN EYE
IR SENSING
AMBIENT LIGHT SENSING
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90°
80°
70°
60°
50°
40°
30°
20°
10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
800
900
1000
0
100 200 300 400 500 600 700 800 900 1000
LUX METER READING (LUX)
INCANDESCENT
HALOGEN
FLUORESCENT
ALS SENSING
RANGE 1 (1k Lux)
16-BIT ADC
0
32768
65535
1000 LUX
Ecal =
216
x DATA
NO COVER GLASS
TEMPERATURE (°C)
0
2
4
6
8
10
-60
-20
20
60
100
0 Lux
TEMPERATURE (°C)
0.90
0.95
1.00
1.05
1.10
-60
-20
20
60
100
300 Lux FLUORESCENT LIGHT
ALS SENSING
RANGE 1 (1k Lux)
ISL29023


Similar Part No. - ISL29023IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29023IROZ-T7 INTERSIL-ISL29023IROZ-T7 Datasheet
623Kb / 14P
   Integrated Digital Light Sensor with Interrupt
May 1, 2014
logo
Renesas Technology Corp
ISL29023IROZ-T7 RENESAS-ISL29023IROZ-T7 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

Similar Description - ISL29023IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com