Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC11001DLF13 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # PPC11001DLF13
Description  Metal Glaze Surface Mount Precision Power Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PPC11001DLF13 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  PPC11001DLF13 Datasheet HTML 1Page - IRC - a TT electronics Company. PPC11001DLF13 Datasheet HTML 2Page - IRC - a TT electronics Company. PPC11001DLF13 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Metal Glaze™ thick
film element fired
at 1000°C to solid
ceramic substrate
High
temperature
dielectric
coating
Solder over nickel
barrier
Metal GlazeSurface Mount
Precision Power Chip
PPC Series
Surge tolerant
Up to 1000 volts
Tight TCR - 25 ppm/°C
Tolerance down to ±0.1%
Electrical Data
Size
Code
Industry
Footprint
IRC
Type
Power
Rating at
70°C (W)
Working
Voltage
Resistance
Range
(ohms)
Tolerance
(±%)
Qty /
Reel (7")
Qty /
Reel (13")
B
1206
PPC1/8
1/8 W
200
100 - 10K
0.1% (B)
0.25% (C)
0.5% (D)
2500
10000
D
2010
PPC1/2
1/2 W
300
100 - 10K
1500
5000
F
2512
PPC1
1 W
350
100 - 10K
N/A
5000
H
3610
PPC2
2W 1.33W
500
100 - 10K
N/A
1500
Environmental Data
Characteristics
Maximum Change
Test Method
Temperature Coefficient
As specified
MIL-R-55342E Par 4.7.9 (-55°C + 125°C)
Thermal Shock
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.3 (-65°C + 150°C, 5 cycles)
Low Temperature Operation
±0.25% + 0.01 ohm
MIL-R-55342E Par 4.7.4 (-65°C @ working voltage)
Short Time Overload
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.5 2.5 x
for 5 seconds
High Temperature Exposure
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.6 (+150°C for 100 hours)
Resistance to Bonding
±0.25% + 0.01 ohm
MIL-R-55342E Par 4.7.7 (Reflow soldered to board at 260°C
for 10 seconds)
Exposure
95% minimum coverage
MIL-STD-202, Method 208 (245°C for 5 seconds)
Solderability
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.8 (10 cycles, total 240 hours)
Moisture Resistance
±0.5% + 0.01 ohm
MIL-R-55342E Par 4.7.10 (2000 hours at 70°C intermittent)
Life Test
±1% + 0.01 ohm
1200 gram push from underside of mounted chip for 60
seconds
Terminal Adhesion Strength
±1% + 0.01 ohm
no mechanical damage
Chip mounted in center of 90mm long board, deflected 1mm
so as to exert pull on chip contacts for 5 seconds
PPC Series Issue November 2008 Sheet 1 of 3


Similar Part No. - PPC11001DLF13

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PPC ALPHAWIRE-PPC Datasheet
110Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
   5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
   5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
   5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
   10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPC11001DLF13

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
   Metal Glaze General Purpose Surface Mount Power Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
   Metal Glaze High Power Density Surface Mount Power Resistor
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
List of Unclassifed Man...
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com