Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6724MTRPbF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6724MTRPbF
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6724MTRPbF Datasheet(HTML) 2 Page - International Rectifier

  IRF6724MTRPbF Datasheet HTML 1Page - International Rectifier IRF6724MTRPbF Datasheet HTML 2Page - International Rectifier IRF6724MTRPbF Datasheet HTML 3Page - International Rectifier IRF6724MTRPbF Datasheet HTML 4Page - International Rectifier IRF6724MTRPbF Datasheet HTML 5Page - International Rectifier IRF6724MTRPbF Datasheet HTML 6Page - International Rectifier IRF6724MTRPbF Datasheet HTML 7Page - International Rectifier IRF6724MTRPbF Datasheet HTML 8Page - International Rectifier IRF6724MTRPbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6724MPbF
2
www.irf.com
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
22
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.90
2.50
m
–––
2.70
3.50
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
130
–––
–––
S
Qg
Total Gate Charge
–––
33
54
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.9
–––
nC
Qgd
Gate-to-Drain Charge
–––
10
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
14
–––
Qoss
Output Charge
–––
20
–––
nC
RG
Gate Resistance
–––
1.2
2.2
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
23
–––
ns
tf
Fall Time
–––
16
–––
Ciss
Input Capacitance
–––
4404
–––
Coss
Output Capacitance
–––
885
–––
pF
Crss
Reverse Transfer Capacitance
–––
424
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
150
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
212
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
34
51
nC
di/dt = 300A/µs i
TJ = 25°C, IS = 21A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 21A i
VDS = VGS, ID = 100µA
TJ = 25°C, IF =21A
VGS = 4.5V
ID = 21A
VGS = 0V
VDS = 15V
ID = 21A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 27A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG= 1.8Ω
VDS = 15V, ID =21A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Similar Part No. - IRF6724MTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6724MTRPBF IRF-IRF6724MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6724MTRPBF IRF-IRF6724MTRPBF Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
More results

Similar Description - IRF6724MTRPbF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com