Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6745AAUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6745AAUZ
Description  Improved Bridge Controller with Precision Dead Time Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6745AAUZ Datasheet(HTML) 6 Page - Intersil Corporation

  ISL6745AAUZ Datasheet HTML 1Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 2Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 3Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 4Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 5Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 6Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 7Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 8Page - Intersil Corporation ISL6745AAUZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6703.1
September 11, 2008
Typical Performance Curves
FIGURE 1. OSCILLATOR CT DISCHARGE CURRENT GAIN
FIGURE 2. DEADTIME vs CAPACITANCE
FIGURE 3. CAPACITANCE vs OSCILLATOR FREQUENCY
(RTD = 49.9k
Ω)
FIGURE 4. CHARGE CURRENT vs TEMPERATURE
FIGURE 5. TIMING CAPACITOR VOLTAGE vs RTD
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
40
45
50
55
60
65
RTD CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
10
100
1-103
1-104
RTD (k
Ω)
CT = 270pF
CT = 100pF
CT = 470pF
CT = 1000pF
CT = 680pF
100
200
300
400
500
600
700
800
900
1k
0
100
200
300
400
500
600
CT (pF)
-40
-25
-10
5
35
50
65
80
95
110
0.95
0.97
0.98
0.99
1.01
1.03
TEMPERATURE (°C)
1.02
1.00
20
0.96
0
10
2030
50
6070
80
90
100
0.98
1.00
1.02
1.03
1.05
1.07
RTD (k
Ω)
1.06
1.04
40
0.99
1.01
ISL6745A


Similar Part No. - ISL6745AAUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Renesas Technology Corp
ISL6745AAUZ RENESAS-ISL6745AAUZ Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
More results

Similar Description - ISL6745AAUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com