Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6754 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6754
Description  ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6754 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6754 Datasheet HTML 7Page - Intersil Corporation ISL6754 Datasheet HTML 8Page - Intersil Corporation ISL6754 Datasheet HTML 9Page - Intersil Corporation ISL6754 Datasheet HTML 10Page - Intersil Corporation ISL6754 Datasheet HTML 11Page - Intersil Corporation ISL6754 Datasheet HTML 12Page - Intersil Corporation ISL6754 Datasheet HTML 13Page - Intersil Corporation ISL6754 Datasheet HTML 14Page - Intersil Corporation ISL6754 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6754.1
September 29, 2008
The average current signal on IOUT remains accurate
provided the output inductor current remains continuous
(CCM operation). Once the inductor current becomes
discontinuous (DCM operation), IOUT represents 1/2 the
peak inductor current rather than the average current. This
occurs because the sample and hold circuitry is active only
during the on time of the switching cycle. It is unable to
detect when the inductor current reaches zero during the off
time.
If average overcurrent limit is desired, IOUT may be used
with the error amplifier of the ISL6754. Typically IOUT is
divided down and filtered as required to achieve the desired
amplitude. The resulting signal is input to the current error
amplifier (IEA). The IEA is similar to the voltage EA found in
most PWM controllers, except it cannot source current.
Instead, VERR has a separate internal 1mA pull-up current
source.
Configure the IEA as an integrating (Type I) amplifier using
the internal 0.6V reference. The voltage applied at FB is
integrated against the 0.6V reference. The resulting signal,
VERR, is applied to the PWM comparator where it is
compared to the sawtooth voltage on RAMP. If FB is less
than 0.6V, the IEA will be open loop (can’t source current),
VERR will be at a level determined by the voltage loop, and
the duty cycle is unaffected. As the output load increases,
IOUT will increase, and the voltage applied to FB will
increase until it reaches 0.6V. At this point the IEA will
reduce VERR as required to maintain the output current at
the level that corresponds to the 0.6V reference. When the
output current again drops below the average current limit
threshold, the IEA returns to an open loop condition, and the
duty cycle is again controlled by the voltage loop.
The average current control loop behaves much the same
as the voltage control loop found in typical power supplies
except it regulates current rather than voltage.
The EA available on the ISL6754 may also be used as the
voltage EA for the voltage feedback control loop rather than
the current EA as described above. An external op-amp may
be used as either the current or voltage EA providing the
circuit is not allowed to source current into VERR. The
external EA must only sink current, which may be
accomplished by adding a diode in series with its output.
The 4x gain of the sample and hold buffer allows a range of
150 - 1000mV peak on the CS signal, depending on the
resistor divider placed on IOUT. The overall bandwidth of the
average current loop is determined by the integrating current
EA compensation and the divider on IOUT.
The current EA cross-over frequency, assuming R6 >>
(R4||R5), is:
where fCO is the cross-over frequency. A capacitor in parallel
with R4 may be used to provide a double-pole roll-off.
The average current loop bandwidth is normally set to be
much less than the switching frequency, typically less than
5kHz and often as slow as a few hundred hertz or less. This
is especially useful if the application experiences large
surges. The average current loop can be set to the steady
state overcurrent threshold and have a time response that is
longer than the required transient. The peak current limit can
be set higher than the expected transient so that it does not
interfere with the transient, but still protects for short-term
larger faults. In essence a 2-stage overcurrent response is
possible.
The peak overcurrent behavior is similar to most other PWM
controllers. If the peak current exceeds 1.0V, the active
output pulse is terminated immediately.
FIGURE 6. DYNAMIC BEHAVIOR OF CS vs IOUT
CHANNEL 1 (YELLOW): OUTLL
CHANNEL 3 (BLUE): CS
CHANNEL 2 (RED): OUTLR
CHANNEL 4 (GREEN): IOUT
FIGURE 7. AVERAGE OVERCURRENT IMPLEMENTATION
SS
OUTUR
OUTUL
OUTLR
OUTLL
VDD
VREF
GND
1
2
4
3
5
6
7
8
19
20
11
12
13
14
15
16
N/C
GND
9
10
17
18
150 - 1000 mV
+
-
0.6V
S&H
4x
R6
R5
R4
C10
CS
FB
IOUT
VERR
ISL6754
f
CO
1
2
π R6 C10
⋅⋅
-----------------------------------
=
Hz
(EQ. 6)
ISL6754


Similar Part No. - ISL6754

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6754 INTERSIL-ISL6754 Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6754AAZA RENESAS-ISL6754AAZA Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754DBEVAL1Z RENESAS-ISL6754DBEVAL1Z Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results

Similar Description - ISL6754

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com