Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12057IBZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL12057IBZ-T
Description  Low Cost and Low Power I2C RTC Real Time Clock/Calendar
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12057IBZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL12057IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 9Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 10Page - Intersil Corporation ISL12057IBZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN6755.0
June 15, 2009
General Description
The ISL12057 device is a low power real time clock with
clock/calendar, power fail indicator, and alarm function.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
The ISL12057 has two flexible alarms; each can be set to any
clock/calendar value for a match. For example, every minute,
every Tuesday or at 5:23 AM on 1st day of a month. The alarm
status is available by checking the Status Register, or the
device can be configured to provide a hardware interrupt via the
IRQ1/FOUT or IRQ2 pin. There is a repeat mode for the alarm
allowing a periodic interrupt every second or every minute.
Pin Description
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the ISL12057 to supply a timebase for the real
time clock. Refer to Figure 6.
The device can also be driven directly from a 32.768kHz
square wave source with peak-to-peak voltage from 0V to
VDD at X1 pin with X2 pin floating.
Typical Performance Curves Temperature is +25°C unless otherwise specified
FIGURE 2. IDD1 vs VDD
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD vs VDD vs FOUT
FIGURE 5. FOUT VS VDD WITH A TYPICAL 32.768kHZ CRYSTAL
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.41.9
2.42.9
3.4
VDD (V)
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
3.0
1.8
1.4
3.6
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.41.9
2.42.9
3.4
8192Hz
1Hz
32768Hz
4096Hz
VDD (V)
32767.0
32767.2
32767.4
32767.6
32767.8
32768.0
32768.2
32768.4
32768.6
32768.8
32769.0
1.4
1.9
2.4
2.9
3.4
VDD (V)
FIGURE 6. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL12057


Similar Part No. - ISL12057IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12057IBZ RENESAS-ISL12057IBZ Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
More results

Similar Description - ISL12057IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com