Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85001 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL85001
Description  1A Standard Buck PWM Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85001 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL85001 Datasheet HTML 2Page - Intersil Corporation ISL85001 Datasheet HTML 3Page - Intersil Corporation ISL85001 Datasheet HTML 4Page - Intersil Corporation ISL85001 Datasheet HTML 5Page - Intersil Corporation ISL85001 Datasheet HTML 6Page - Intersil Corporation ISL85001 Datasheet HTML 7Page - Intersil Corporation ISL85001 Datasheet HTML 8Page - Intersil Corporation ISL85001 Datasheet HTML 9Page - Intersil Corporation ISL85001 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6769.1
March 17, 2009
Pin Descriptions
FB (Pin 1) and COMP (Pin 2)
The standard buck regulator employs a single voltage
control loop. FB is the negative input to the voltage loop error
amplifier. COMP is the output of the error amplifier. The
output voltage is set by an external resistor divider
connected to FB. With a properly selected divider, the output
voltage can be set to any voltage between the power rail
(reduced by converter losses) and the 0.6V reference.
Connecting an AC network across COMP and FB provides
loop compensation to the amplifier.
In addition, the PWM regulator power-good and
undervoltage protection circuitry use FB to monitor the
regulator output voltage.
SS (Pin 3)
Program pin for soft-start duration. A regulated 30µA pull-up
current source charges a capacitor connected from the pin to
GND. The output voltage of the converter follows the
ramping voltage on the SS pin.
EN (Pin 4)
PWM controller enable input. The PWM converter output is
held off when the pin is pulled to ground. When the voltage
on this pin rises above 1.7V, the chip is enabled.
PG (Pin 5)
PWM converter power-good output. Open drain logic output
that is pulled to ground when the output voltage is outside
regulation limits. Connect a 100k
Ω resistor from this pin to
VDD. Pin is low when the buck regulator output voltage is
not within 10% of the respective nominal voltage, or during
the soft-start interval. Pin is high impedance when the output
is within regulation.
GND (Pin 6)
Ground connect for the IC and thermal relief for the package.
The exposed pad must be connected to GND and soldered
to the PCB. All voltage levels are measured with respect to
this pin.
VDD (Pin 7)
Internal 5V linear regulator output provides bias to all the
internal control logic. The ISL85001 may be powered directly
from a 5V (±10%) supply at this pin. When used as a 5V supply
input, this pin must be externally connected to VIN. The VDD
pin must always be decoupled to GND with a ceramic bypass
capacitor (minimum 1µF) located close to the pin.
BOOT (Pin 8)
Floating bootstrap supply pin for the power MOSFET gate
driver. The bootstrap capacitor provides the necessary
charge to turn and hold on the internal N-Channel MOSFET.
Connect an external capacitor from this pin to PHASE.
PHASE (Pins 9, 10)
Switch node connections to internal power MOSFET source,
external output inductor and external diode cathode.
VIN (Pins 11, 12)
The input supply for the PWM regulator power stage and the
source for the internal linear regulator that provides bias for
the IC. Place a ceramic capacitor from VIN to GND, close to
the IC for decoupling (typical 10µF).
TABLE 1. INPUT SUPPLY CONFIGURATION
INPUT
PIN CONFIGURATION
5.5V to 25V
Connect the input supply to the VIN pin only. The
VDD pin will provide a 5V output from the internal
linear regulator.
5V ±10%
Connect the input supply to the VIN and VDD pins.
ISL85001


Similar Part No. - ISL85001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
logo
Renesas Technology Corp
ISL85001EVAL1Z RENESAS-ISL85001EVAL1Z Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1ZREVAPCB INTERSIL-ISL85001EVAL1ZREVAPCB Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
More results

Similar Description - ISL85001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
logo
Intersil Corporation
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Renesas Technology Corp
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com