Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89411IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL89411IBZ
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89411IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL89411IBZ Datasheet HTML 1Page - Intersil Corporation ISL89411IBZ Datasheet HTML 2Page - Intersil Corporation ISL89411IBZ Datasheet HTML 3Page - Intersil Corporation ISL89411IBZ Datasheet HTML 4Page - Intersil Corporation ISL89411IBZ Datasheet HTML 5Page - Intersil Corporation ISL89411IBZ Datasheet HTML 6Page - Intersil Corporation ISL89411IBZ Datasheet HTML 7Page - Intersil Corporation ISL89411IBZ Datasheet HTML 8Page - Intersil Corporation ISL89411IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6798.1
ISL89410, ISL89411, ISL89412
High Speed, Dual Channel Power
MOSFET Drivers
The ISL89410, ISL89411, ISL89412 ICs are similar to the
EL7202, EL7212, EL7222 series but with greater VDD
ratings. These are very high speed matched dual drivers
capable of delivering peak currents of 2.0A into highly
capacitive loads. The high speed performance is achieved
by means of a proprietary “Turbo-Driver” circuit that speeds
up input stages by tapping the wider voltage swing at the
output. Improved speed and drive capability are enhanced
by matched rise and fall delay times. These matched delays
maintain the integrity of input-to-output pulse-widths to
reduce timing errors and clock skew problems. This
improved performance is accompanied by a 10-fold
reduction in supply currents over bipolar drivers, yet without
the delay time problems commonly associated with CMOS
devices. Dynamic switching losses are minimized with
non-overlapped drive techniques.
Features
• Industry Standard Driver Replacement
• Improved Response Times
• Matched Rise and Fall Times
• Reduced Clock Skew
• Low Output Impedance
• Low Input Capacitance
• High Noise Immunity
• Improved Clocking Rate
• Low Supply Current
• Wide Operating Voltage Range
• Pb-Free Available (RoHS compliant)
Applications
• Clock/line Drivers
• CCD Drivers
• Ultra-Sound Transducer Drivers
• Power MOSFET Drivers
• Switch Mode Power Supplies
• Class D Switching Amplifiers
• Ultrasonic and RF Generators
• Pulsed Circuits
Pin Descriptions
Pinouts
ISL89411
(8 LD PDIP, SOIC)
TOP VIEW
ISL89410
(8 LD PDIP, SOIC)
TOP VIEW
ISL89412
(8 LD PDIP, SOIC)
TOP VIEW
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047
NC
INA
GND
INB
1
2
3
4
8
7
6
5
NC
OUTA
V+
OUTB
INVERTING
DRIVERS
NC
INA
GND
INB
1
2
3
4
8
7
6
5
NC
OUTA
V+
OUTB
NON-INVERTING
DRIVERS
NC
INA
GND
INB
1
2
3
4
8
7
6
5
NC
OUTA
v+
OUTB
COMPLEMENTARY
DRIVERS
SYMBOL
PIN DESCRIPTIONS
V+
Power voltage from 4.5V to 18V.
GND
Power voltage return
INA, INB
Logic inputs.
OUTA
OUTA
Non-inverted ouput for ISL89410. Inverted output
for ISL89411 and ISL89412.
OUTB
OUTB
Non-inverted output for ISL89410 and ISL89412.
Inverted output for ISL89411.
NC
These pins must be left unconnected.
Data Sheet
July 1, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL89411IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89411IBZ INTERSIL-ISL89411IBZ Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89411IBZ INTERSIL-ISL89411IBZ Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Renesas Technology Corp
ISL89411IBZ RENESAS-ISL89411IBZ Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89411IBZ-T13 INTERSIL-ISL89411IBZ-T13 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89411IBZ-T13 INTERSIL-ISL89411IBZ-T13 Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
More results

Similar Description - ISL89411IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com