Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95811UFUZ-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL95811UFUZ-TK
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95811UFUZ-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL95811UFUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6759.1
October 6, 2008
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[I(RW) = VCC/RTOTAL] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs VCC
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. RDNL vs TAP POSITION IN RHEOSTAT MODE
FOR 10k
Ω (W)
FIGURE 6. RINL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
0
20
40
60
80
100
120
140
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = -40°C
T = +125°C
T = +25°C
VCC = 2.7V
T = -40°C
T = +25°C
T = +125°C
VCC = 5.5V
0.00
0.40
0.80
1.20
1.60
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
T = -40°C
T = +25°C
T = +125°C
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
T = +25°C
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.7V
VCC = 5.5V
T = +25°C
ISL95811


Similar Part No. - ISL95811UFUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95811 INTERSIL-ISL95811 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - ISL95811UFUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com