Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3796N Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3796N
Description  Digital CCD Camera Head Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3796N Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3796N Datasheet HTML 6Page - Sony Corporation CXA3796N Datasheet HTML 7Page - Sony Corporation CXA3796N Datasheet HTML 8Page - Sony Corporation CXA3796N Datasheet HTML 9Page - Sony Corporation CXA3796N Datasheet HTML 10Page - Sony Corporation CXA3796N Datasheet HTML 11Page - Sony Corporation CXA3796N Datasheet HTML 12Page - Sony Corporation CXA3796N Datasheet HTML 13Page - Sony Corporation CXA3796N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CXA3796N
- 10 -
Electrical Characteristics Measurement Circuit
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DRV
AGC
BUF
OB SW
OFFSET
BLK SW
DMSW1
DMSW2
SH1
SH2
SH3
CDS
CLP2
CDS
CLP1
VREF
DC SHIFT
CAM SH
AGC
CLP
VRT
DRV
VRB
DRV
VRT
VRB
H
L
GND
H
OPEN
PL1
H
L
H
OPEN
C3
0.1µF
V3
1.65 to
3.3V
VCC1
3.3V
PL3
PL2
AC
V2
C2
1µF
C1
1µF
VCC2
3.3V
V1
1.65 to
3.3V
PL4
PL5
PL6
V4
0 to
3.3V
C4
4.7µ
SW2
R1
400
C5
4.7µ
VCC3
3.3V
SW2
C6
40pF
R2
22
R3
10k
V5
2.03V
V6
3.3V
SW1
V7
3.3V
SW2
MAXGAIN
34dB (VAGCCONT = 3.0V)
26dB (VAGCCONT = 3.0V)
30dB (VAGCCONT = 3.0V)
L
–6dB mode
–3dB mode
0dB mode
GAINSHIFT
SW1
L


Similar Part No. - CXA3796N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Similar Description - CXA3796N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
CXA2096N SONY-CXA2096N Datasheet
290Kb / 16P
   Digital CCD Camera Head Amplifier
CXA2006Q SONY-CXA2006Q Datasheet
341Kb / 23P
   Digital CCD Camera Head Amplifier
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
C4880-21 HAMAMATSU-C4880-21 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com