Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3791EN Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3791EN
Description  High-speed Buffer Amplifier for CCD Image Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3791EN Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3791EN Datasheet HTML 4Page - Sony Corporation CXA3791EN Datasheet HTML 5Page - Sony Corporation CXA3791EN Datasheet HTML 6Page - Sony Corporation CXA3791EN Datasheet HTML 7Page - Sony Corporation CXA3791EN Datasheet HTML 8Page - Sony Corporation CXA3791EN Datasheet HTML 9Page - Sony Corporation CXA3791EN Datasheet HTML 10Page - Sony Corporation CXA3791EN Datasheet HTML 11Page - Sony Corporation CXA3791EN Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CXA3791EN
- 8 -
–20.0
–10.0
0.0
10.0
20.0
–50.0
–25.0
0.0
25.0
50.0
75.0
100.0
Operating temperature [˚C]
Vcc = 15V
Ridrv = 220k
Ω
Vin = Vcc – 5V
Vcc = 13V
Ridrv = 180k
Ω
Vin = Vcc – 4V
–20.0
–10.0
0.0
10.0
20.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
Supply voltage [V]
Ridrv = 220k
Ω
Vin = Vcc – 5V
Ridrv = 180k
Ω
Vin = Vcc – 4V
–15.0
–10.0
–5.0
0.0
5.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
Supply voltage [V]
Ridrv = 220k
Ω
Vin = Vcc – 5V
Ridrv = 180k
Ω
Vin = Vcc – 4V
Ta = 25˚C
2.4
2.6
2.8
3.0
3.2
3.4
–50.0
–25.0
0.0
25.0
50.0
75.0
100.0
Operating temperature [˚C]
Vcc = 15V
Ridrv = 220k
Ω
Vin = Vcc – 5V
Vcc = 13V
Ridrv = 180k
Ω
Vin = Vcc – 4V
1.5
2.0
2.5
3.0
3.5
4.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
Supply voltage [V]
Ridrv/Risf = 180k
Ω
Vin = Vcc – 4V
Ridrv/Risf = 220k
Ω
Vin = Vcc – 5V
Ta = 25˚C
2.4
2.6
2.8
3.0
3.2
3.4
–50.0
–25.0
0.0
25.0
50.0
75.0
100.0
Operating temperature [˚C]
Vcc = 15V
Ridrv/Risf = 220k
Ω
Vin = Vcc – 5V
Vcc = 13V
Ridrv/Risf = 180k
Ω
Vin = Vcc – 4V
I/O offset voltage vs. Operating temperature
I/O offset voltage vs. Supply voltage
Input bias current vs. Supply voltage
Input bias current vs. Operating temperature
Sink current vs. Supply voltage
Sink current vs. Operating temperature
Ta = 25˚C


Similar Part No. - CXA3791EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

Similar Description - CXA3791EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com