Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3785R Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA3785R
Description  Audio Driver for TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3785R Datasheet(HTML) 2 Page - Sony Corporation

  CXA3785R Datasheet HTML 1Page - Sony Corporation CXA3785R Datasheet HTML 2Page - Sony Corporation CXA3785R Datasheet HTML 3Page - Sony Corporation CXA3785R Datasheet HTML 4Page - Sony Corporation CXA3785R Datasheet HTML 5Page - Sony Corporation CXA3785R Datasheet HTML 6Page - Sony Corporation CXA3785R Datasheet HTML 7Page - Sony Corporation CXA3785R Datasheet HTML 8Page - Sony Corporation CXA3785R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
CXA3785R
- 2 -
Absolute Maximum Ratings
*1
Glass fabric base epoxy two-layer board, 76mm
× 114mm, t = 1.6mm
Recommended Operating Conditions
Item
Symbol
Rating
Unit
Supply voltage
VCC
24.0
V
VUNREG
24.0
V
DVDD
4.5
V
Operating temperature range
TA
–25 to +85
°C
Storage temperature range
Tstg
–55 to +125
°C
Junction temperature
TJ(max)
+125
°C
Power dissipation
PD
(TJ(max) – TA) /
θJA*1
Thermal impedance
θJA
80
°C/W
θJC
20
°C/W
Item
Symbol
Min.
Typ.
Max.
Condition
Unit
Supply voltage
VCC
8.0
12.0
13.0
VCC = REGAUD
V
VUNREG
11.5
15.0
18.0
VUNREG – REGAUD
≥ 2.5V
V
DVDD
3.0
3.3
3.6
V
Operating ambient temperature
Topt
–25
+85
°C


Similar Part No. - CXA3785R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

Similar Description - CXA3785R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Sanyo Semicon Device
LA7953 SANYO-LA7953 Datasheet
166Kb / 7P
   Audio Controller for TV Use
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com