Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3178AE Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL3178AE
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3178AE Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3178AE Datasheet HTML 6Page - Intersil Corporation ISL3178AE Datasheet HTML 7Page - Intersil Corporation ISL3178AE Datasheet HTML 8Page - Intersil Corporation ISL3178AE Datasheet HTML 9Page - Intersil Corporation ISL3178AE Datasheet HTML 10Page - Intersil Corporation ISL3178AE Datasheet HTML 11Page - Intersil Corporation ISL3178AE Datasheet HTML 12Page - Intersil Corporation ISL3178AE Datasheet HTML 13Page - Intersil Corporation ISL3178AE Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6887.1
May 6, 2009
thus the power dissipation, whenever the contending voltage
exceeds either supply.
Low Power Shutdown Mode
This CMOS transceiver all uses a fraction of the power
required by its bipolar counterparts, but it also includes a
shutdown feature that reduces the already low quiescent ICC
to a 10nA trickle. This device enters shutdown whenever the
receiver and driver are simultaneously disabled (RE =VCC
and DE = GND) for a period of at least 600ns. Disabling both
the driver and the receiver for less than 50ns guarantees
that the transceiver will not enter shutdown.
Note that receiver and driver enable times increase when the
transceiver enables from shutdown. Refer to Notes 5 through 9,
at the end of the “Electrical Specification table” on page 6, for
more information.
Typical Performance Curves VCC = 3.3V, TA = +25°C; Unless Otherwise Specified
FIGURE 7. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 8. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 9. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 10. SUPPLY CURRENT vs TEMPERATURE
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
120
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RDIFF = 120
Ω
RDIFF = 54
Ω
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
-100
-150
Y OR Z = HIGH
Y OR Z = LOW
350
400
450
500
550
600
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ICC DE-VCC
ICC DE-GND
ISL3178AE


Similar Part No. - ISL3178AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3178AE RENESAS-ISL3178AE Datasheet
552Kb / 14P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
October 30, 2014
ISL3178AEM RENESAS-ISL3178AEM Datasheet
552Kb / 14P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
October 30, 2014
ISL3178AEMBZ RENESAS-ISL3178AEMBZ Datasheet
552Kb / 14P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
October 30, 2014
More results

Similar Description - ISL3178AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83080EIUZ-T INTERSIL-ISL83080EIUZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com