Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265AHRTZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6265AHRTZ-T
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6265AHRTZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6265AHRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 14Page - Intersil Corporation ISL6265AHRTZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
FN6884.0
May 11, 2009
an error amplifier that allows the controller to maintain a
0.5% voltage regulation accuracy throughout the VID range
from 0.75V to 1.55V. Voltage regulation accuracy is slightly
wider, ±5mV, over the VID range from 0.7375V to 0.5V.
The hysteresis window voltage is relative to the error
amplifier output such that load current transients result in
increased switching frequency, which gives the R3 regulator
a faster response than conventional fixed frequency PWM
controllers. In uniplane configurations, transient load current
is inherently shared between active phases due to the use of
a common hysteretic window voltage. Individual average
phase currents are monitored and controlled to equally
share current among the active phases.
Modulator
The ISL6265A modulator features Intersil’s R3 technology, a
hybrid of fixed frequency PWM control and variable frequency
hysteretic control (see Figure 5). Intersil’s R3 technology can
simultaneously affect the PWM switching frequency and PWM
duty cycle in response to input voltage and output load
transients. The R3 modulator synthesizes an AC signal VR,
which is an analog representation of the output inductor ripple
current. The duty-cycle of VR is the result of charge and
discharge current through a ripple capacitor CR. The current
through CR is provided by a transconductance amplifier gm
that measures the VIN and VO voltages. The positive slope of
VR can be written as determined by Equation 1:
The negative slope of VR can be written as determined by
Equation 2:
Where gm is the gain of the transconductance amplifier.
A window voltage VW is referenced with respect to the error
amplifier output voltage VCOMP, creating an envelope into
which the ripple voltage VR is compared. The amplitude of
VW is set by a resistor connected across the FSET and GND
pins. The VR, VCOMP, and VW signals feed into a window
comparator in which VCOMP is the lower threshold voltage
and VW is the higher threshold voltage. Figure 6 shows
PWM pulses being generated as VR traverses the VW and
VCOMP thresholds. The PWM switching frequency is
proportional to the slew rates of the positive and negative
slopes of VR; it is inversely proportional to the voltage
between VW and VCOMP.
Initialization
Once sufficient bias is applied to the VCC pin, internal logic
checks the status of critical pins to determine the controller
operation profile prior to ENABLE. These pins include RTN1
which determines single vs two-phase operation and
OFS/VFIXEN for enabling/disabling the SVI interface and
core voltage droop. Depending on the configuration set by
these pins, the controller then checks the state of the SVC
and SVD pins to determine the soft-start target output
voltage level..
Power-On Reset
The ISL6265A requires a +5V input supply tied to VCC and
PVCC to exceed a rising power-on reset (POR) threshold
before the controller has sufficient bias to guarantee proper
operation. Once this threshold is reached or exceeded, the
ISL6265A has enough bias to begin checking RTN1,
OFS/VFIXEN, ENABLE, and SVI inputs. Hysteresis between
the rising the falling thresholds assure the ISL6265A will not
inadvertently turn-off unless the bias voltage drops
substantially (see “Electrical Specifications” on page 8).
Core Configuration
The ISL6265A determines the core channel requirements of
the CPU based on the state of the RTN1 pin prior to ENABLE. If
RTN1 is low prior to ENABLE, both VDD0 and VDD1 core
planes are required. The core controllers operate as
independent single-phase regulators. RTN1 is connected to the
CPU Core1 negative sense point. For single core CPU designs
(uniplane), RTN1 is tied to a +1.8V or greater supply. Prior to
ENABLE, RTN1 is detected as HIGH and the ISL6265A drives
the core controllers as a two-phase multi-phase regulator. Dual
purpose motherboard designs should include resistor options to
V
RPOS
g
m
() V
IN
V
OUT
()
=
(EQ. 1)
V
RNEG
g
m VOUT
=
(EQ. 2)
FIGURE 5. MODULATOR CIRCUITRY
ISL6265A
VW
VR
PWM
R
S
Q
VCOMP
FSET
+
gmVIN
+
gmVO
+
+
-
+
CR
PWM FREQUENCY
CONTROL
-
+
VIN
TO
PWM
CONTROL
VO
FIGURE 6. MODULATOR WAVEFORMS DURING LOAD
TRANSIENT
RIPPLE CAPACITOR VOLTAGE CR
WINDOW VOLTAGE VW
ERROR AMPLIFIER VOLTAGE VCOMP
PWM
ISL6265A


Similar Part No. - ISL6265AHRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265AHRTZ-T RENESAS-ISL6265AHRTZ-T Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265AHRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com