Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9103IRUWZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9103IRUWZ-T
Description  500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9103IRUWZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9103IRUWZ-T Datasheet HTML 5Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 6Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 7Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 8Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 9Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 10Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 11Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 12Page - Intersil Corporation ISL9103IRUWZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6828.1
June 26, 2009
The output voltage is regulated by controlling the reference
voltage to the current loop. The bandgap circuit outputs a
0.8V reference voltage to the voltage control loop. The
feedback signal comes from the FB pin. The soft-start block
only affects the operation during the start-up and will be
discussed separately in “Soft-Start” on page 11. The EAMP
is a transconductance amplifier, which converts the voltage
error signal to a current output. The voltage loop is internally
compensated by a RC network. The maximum EAMP
voltage output is precisely clamped to the bandgap voltage.
Skip Mode (PFM Mode)
Under light load condition, ISL9103, ISL9103A automatically
enters a pulse-skipping mode to minimize the switching loss
by reducing the switching frequency. Figure 24 illustrates the
skip mode operation. A zero-cross sensing circuit (as shown
in Figure 22) monitors the current flowing through SW node
for zero crossing. When it is detected to cross zero for
16-consecutive cycles, the regulator enters the skip mode.
During the 16-consecutive cycles, the inductor current could
be negative. The counter is reset to zero when the sensed
current flowing through SW node does not cross zero during
any cycle within the 16-consecutive cycles. Once ISL9103,
ISL9103A enters the skip mode, the pulse modulation starts
being controlled by the SKIP comparator shown in Figure 22.
Each pulse cycle is still synchronized by the PWM clock. The
P-Channel MOSFET is turned on at the rising edge of clock
and turned off when its current reaches ~20% of the peak
current limit. As the average inductor current in each cycle is
higher than the average current of the load, the output
voltage rises cycle over cycle. When the output voltage is
sensed to reach 1.5% above its nominal voltage, the
P-Channel MOSFET is turned off immediately and the
inductor current is fully discharged to zero and stays at zero.
The output voltage reduces gradually due to the load current
discharging the output capacitor. When the output voltage
drops to the nominal voltage, the P-Channel MOSFET will
be turned on again, repeating the previous operations.
The regulator resumes normal PWM mode operation when
the output voltage is sensed to drop below 1.5% of its
nominal voltage value.
Enable
The enable (EN) pin allows user to enable or disable the
converter for purposes such as power-up sequencing. With
EN pin pulled to high, the converter is enabled and the
internal reference circuit wakes up first and then the soft
start-up begins. When EN pin is pulled to logic low, the
converter is disabled, both P-Channel MOSFET and
N-Channel MOSFETS are turned off, and the output
capacitor is discharged through internal discharge path.
FIGURE 23. PWM OPERATION WAVEFORMS
vEAMP
d
iL
vOUT
vCSA
16 CYCLES
CLOCK
IL
VOUT
0
VOUT_NOMINAL
20% PEAK CURRENT LIMIT
1.015*VOUT_NOMINAL
FIGURE 24. SKIP MODE OPERATION WAVEFORMS
ISL9103, ISL9103A


Similar Part No. - ISL9103IRUWZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103IRUWZ-T RENESAS-ISL9103IRUWZ-T Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9103IRUWZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com