Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21080CIH315Z-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL21080CIH315Z-TK
Description  300nA NanoPower Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080CIH315Z-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL21080CIH315Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080CIH315Z-TK Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6934.0
July 28, 2009
not in use can remain powered up between conversions as
shown in Figure 17. Data acquisition circuits providing
12 bits to 24 bits of accuracy can operate with the reference
device continuously biased with no power penalty, providing
the highest accuracy and lowest possible long term drift.
Other reference devices consuming higher supply currents
will need to be disabled in between conversions to conserve
battery capacity. Absolute accuracy will suffer as the device is
biased and requires time to settle to its final value, or, may not
actually settle to a final value as power on time may be short.
Table 1 shows an example of battery life in years for ISL21080
in various power on condition with 1.5µA maximum current
consumption.
ISL21080 Used as a Low Cost Precision Current
Source
Using an N-JET and a Nanopower voltage reference,
ISL21080, a precision, low cost, high impedance current
source can be created. The precision of the current source is
largely dependent on the tempco and accuracy of the
reference. The current setting resistor contributes less than
20% of the error.
Board Mounting Considerations
For applications requiring the highest accuracy, board mounting
location should be reviewed. Placing the device in areas
subject to slight twisting can cause degradation of the accuracy
of the reference voltage due to die stresses. It is normally best
to place the device near the edge of a board, or the shortest
side, as the axis of bending is most limited at that location.
Obviously, mounting the device on flexprint or extremely thin
PC material will likewise cause loss of reference accuracy.
Board Assembly Considerations
FGA references provide high accuracy and low temperature
drift but some PC board assembly precautions are
necessary. Normal output voltage shifts of 100µV to 1mV
can be expected with Pb-free reflow profiles. Precautions
should be taken to avoid excessive heat or extended
exposure to high reflow temperatures, which may reduce
device initial accuracy.
Post-assembly x-ray inspection may also lead to permanent
changes in device output voltage and should be minimized
or avoided. If x-ray inspection is required, it is advisable to
monitor the reference output voltage to verify excessive shift
has not occurred. If large amounts of shift are observed, it is
best to add a shield of thin zinc (300µm) to allow imaging but
block x-rays that affect the FGA reference.
Noise Performance and Reduction
The output noise voltage in a 0.1Hz to 10Hz bandwidth is
typically 30µVP-P. This is shown in the plot in the “Typical
Performance Characteristics Curves” which begin on
page 4. The noise measurement is made with a bandpass
filter made of a 1 pole high-pass filter with a corner
frequency at 0.1Hz and a 2-pole low-pass filter with a corner
frequency at 12.6Hz to create a filter with a 9.9Hz
bandwidth. Noise in the 10kHz to 1MHz bandwidth is
approximately 400µVP-P with no capacitance on the output,
as shown in Figure 19. These noise measurements are
made with a 2 decade bandpass filter made of a 1 pole
high-pass filter with a corner frequency at 1/10 of the center
frequency and 1-pole low-pass filter with a corner frequency
at 10 times the center frequency. Figure 19 also shows the
noise in the 10kHz to 1MHz band can be reduced to about
50µVP-P using a 0.001µF capacitor on the output. Noise in
the 1kHz to 100kHz band can be further reduced using a
0.1µF capacitor on the output, but noise in the 1Hz to 100Hz
TABLE 1. EXAMPLE OF BATTERY LIFE IN YEARS FOR
ISL21080 IN VARIOUS POWER ON CONDITIONS
WITH 1.5µA MAX CURRENT
BATTERY
RATING (mAH) CONTINUOUS
50% DUTY
CYCLE
10% DUTY
CYCLE
40
3
6
30*
225
16.3*
32.6*
163*
NOTE: *Typical Li-Ion battery has a shelf life of up to 10 years.
VIN = +3.0V
0.001µF TO 0.01µF
SERIAL
BUS
VIN
VOUT
GND
ISL21080
REF IN
ENABLE
SCK
SDAT
A/D CONVERTER
12 TO 24-BIT
0.01µF
10µF
FIGURE 17.
FIGURE 18. ISL21080 USED AS A LOW COST PRECISION
CURRENT SOURCE
+8V TO 28V
0.01µF
VIN
VOUT
ZOUT
10k
Ω
RSET
0.1%
10ppm/°C
ISY ~ 0.31µA
IL AT 0.1% ACCURACY
~150.3µA
ISL21080-1.5
> 100M
Ω
ISET
VOUT
ISET =
RSET
IL = ISET + IRSET
VOUT = 1.5V
GND
ISL21080


Similar Part No. - ISL21080CIH315Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080CIH315Z-TK INTERSIL-ISL21080CIH315Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH315Z-TK INTERSIL-ISL21080CIH315Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080CIH315Z-TK INTERSIL-ISL21080CIH315Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
Renesas Technology Corp
ISL21080CIH315Z-TK RENESAS-ISL21080CIH315Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Similar Description - ISL21080CIH315Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com