Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9103AIRUFZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9103AIRUFZ-T
Description  500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9103AIRUFZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9103AIRUFZ-T Datasheet HTML 3Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 4Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 5Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 6Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 7Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 8Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 9Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 10Page - Intersil Corporation ISL9103AIRUFZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6828.1
June 26, 2009
Pin Descriptions
VIN
Input supply voltage. Typically connect a 10µF ceramic
capacitor to ground.
NC
No connect; leave floating.
EN
Regulator enable pin. Enable the device when driven to
high. Shut down the chip and discharge output capacitor
when driven to low. Do not leave this pin floating.
SW
Switching node connection. Connect to one terminal of
inductor.
GND
Ground connection.
FB
Buck converter output feedback pin. For adjustable output
version, its typical value is 0.8V and connect it to the output
through a resistor divider for desired output voltage; for fixed
output version, directly connect this pin to the converter
output.
FIGURE 17. LOAD TRANSIENT IN PWM MODE (VIN = 3.6V,
VO = 1.5V, 200mA TO 500mA)
FIGURE 18. LOAD TRANSIENT IN PWM MODE (VIN = 3.6V,
VO = 1.5V, 500mA TO 200mA)
FIGURE 19. LOAD TRANSIENT IN PWM MODE (VIN = 3.6V,
VO = 2.5V, 200mA TO 500mA)
FIGURE 20. LOAD TRANSIENT IN PWM MODE (VIN = 3.6V,
VO = 2.5V, 500mA TO 200mA)
Typical Operating Performance (Continued)
5V/DIV
50mV/DIV
500mA/DIV
VSW
Io
VOUT (AC COUPLED)
5V/DIV
50mV/DIV
500mA/DIV
VSW
Io
VOUT
VSW
Io
VOUT
5V/DIV
50mV/DIV
500mA/DIV
VSW
Io
VOUT
5V/DIV
50mV/DIV
500mA/DIV
ISL9103, ISL9103A


Similar Part No. - ISL9103AIRUFZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103AIRUFZ-T RENESAS-ISL9103AIRUFZ-T Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9103AIRUFZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com