Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9103AIRUDZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9103AIRUDZ-T
Description  500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9103AIRUDZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9103AIRUDZ-T Datasheet HTML 1Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 2Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 3Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 4Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 5Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 6Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 7Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 8Page - Intersil Corporation ISL9103AIRUDZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6828.1
June 26, 2009
Ordering Information
PART NUMBER
(Notes 1, 3)
PART
MARKING
OUTPUT
VOLTAGE (V)
(Note 2)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ULTRASONIC
FUNCTION
ISL9103IRUNZ-T
J0
3.3
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
Coming Soon
ISL9103IRUJZ-T
J1
2.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
ISL9103IRUFZ-T
J2
2.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
Coming Soon
ISL9103IRUDZ-T
J3
2.0
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
Coming Soon
ISL9103IRUCZ-T
J4
1.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
ISL9103IRUBZ-T
J5
1.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
ISL9103IRUWZ-T
J6
1.2
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
ISL9103IRUAZ-T
J7
ADJ
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NO
ISL9103AIRUNZ-T
J8
3.3
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
Coming Soon
ISL9103AIRUJZ-T
J9
2.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
ISL9103AIRUFZ-T
K0
2.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
Coming Soon
ISL9103AIRUDZ-T
K1
2.0
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
Coming Soon
ISL9103AIRUCZ-T
K2
1.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
ISL9103AIRUBZ-T
K3
1.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
ISL9103AIRUWZ-T
K4
1.2
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
ISL9103AIRUAZ-T
K5
ADJ
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
YES
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. Other output voltage options may be available upon request, please contact Intersil for more details.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL9103, ISL9103A


Similar Part No. - ISL9103AIRUDZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103AIRUDZ-T RENESAS-ISL9103AIRUDZ-T Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9103AIRUDZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com