Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9103AIRUAZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9103AIRUAZ-T
Description  500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9103AIRUAZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9103AIRUAZ-T Datasheet HTML 1Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 2Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 3Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 4Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 5Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 6Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 7Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 8Page - Intersil Corporation ISL9103AIRUAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6828.1
June 26, 2009
FIGURE 5. OUTPUT VOLTAGE vs LOAD CURRENT
(ISL9103, VO_NORMINAL = 2.5V)
FIGURE 6. SOFT-START TO PFM MODE (VIN = 3.6V,
VOUT = 1.5V, IOUT = 0.001mA)
FIGURE 7. SOFT-START TO PWM MODE (VIN = 3.6V,
VOUT = 1.5V, IOUT = 500mA)
FIGURE 8. SOFT-START TO PFM MODE (VIN = 3.6V,
VOUT = 2.5V, IOUT = 0.001mA)
FIGURE 9. LOAD TRANSIENT IN PFM MODE (VIN = 3.6V,
VOUT = 1.5V, 5mA TO 30mA)
FIGURE 10. LOAD TRANSIENT IN PFM MODE (VIN = 3.6V,
VOUT = 1.5V, 30mA TO 5mA)
Typical Operating Performance (Continued)
2.495
2.500
2.505
2.510
2.520
0
100
200
300
400
500
IOUT(mA)
2.515
VIN = 4.0V, FALLING
VIN = 4.0V, RISING
VSW
IL
VOUT
5V/DIV
200mA/DIV
1V/DIV
5V/DIV
EN
VSW
IL
VOUT
5V/DIV
500mA/DIV
1V/DIV
5V/DIV
EN
VSW
IL
VOUT
5V/DIV
200mA/DIV
2V/DIV
5V/DIV
EN
5V/DIV
50mV/DIV
20mA/DIV
VSW
Io
VOUT
Io
5V/DIV
50mV/DIV
20mA/DIV
VSW
VOUT
ISL9103, ISL9103A


Similar Part No. - ISL9103AIRUAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103AIRUAZ-T RENESAS-ISL9103AIRUAZ-T Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9103AIRUAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com