Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28236FUZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28236FUZ-T7
Description  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FUZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28236FUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28236FUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6921.0
June 18, 2009
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open
FIGURE 1. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
FIGURE 2. GAIN vs FREQUENCY vs FEEDBACK RESISTOR
VALUES Rf/Rg
FIGURE 3. GAIN vs FREQUENCY vs VOUT, RL = 10k
FIGURE 4. GAIN vs FREQUENCY vs RL
FIGURE 5. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 6. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1
0123456
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
1k
100
Rf = Ri = 1k
Rf = Ri = 100k
Rf = Ri = 10k
VS = 5V
AV = +2
VOUT = 10mVP-P
CL = 4pF
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = 5V
CL = 4pF
AV = +1
RL = 10k
VOUT = 50mV
VOUT = 100mV
VOUT = 10mV
VOUT = 1V
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
RL = 10k
V+ = 5V
AV = +1
VOUT = 10mVP-P
CL = 4pF
RL = 1k
RL = 100k
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 1
AV = 10
AV = 101
AV = 1001
V+ = 5V
VOUT = 10mVP-P
CL = 16.3pF
RL = 10k
AV = 1001, Rg = 1k, Rf = 1M
AV = 10, Rg = 1k, Rf = 9.09k
AV = 1, Rg = INF, Rf = 0
AV = 101, Rg = 1k, Rf = 100k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RL = 10k
AV = +1
VOUT = 10mVP-P
CL = 4pF
VS = 5V
VS = 2.4V
ISL28236


Similar Part No. - ISL28236FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28236FUZ-T7 INTERSIL-ISL28236FUZ-T7 Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236FUZ-T7 RENESAS-ISL28236FUZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FUZ-T7A INTERSIL-ISL28236FUZ-T7A Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236FUZ-T7A RENESAS-ISL28236FUZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Similar Description - ISL28236FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com