Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54230 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54230
Description  Octal Multiprotocol Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54230 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54230 Datasheet HTML 4Page - Intersil Corporation ISL54230 Datasheet HTML 5Page - Intersil Corporation ISL54230 Datasheet HTML 6Page - Intersil Corporation ISL54230 Datasheet HTML 7Page - Intersil Corporation ISL54230 Datasheet HTML 8Page - Intersil Corporation ISL54230 Datasheet HTML 9Page - Intersil Corporation ISL54230 Datasheet HTML 10Page - Intersil Corporation ISL54230 Datasheet HTML 11Page - Intersil Corporation ISL54230 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN6825.2
May 28, 2009
Test Circuits and Waveforms
FIGURE 1. rON TEST CIRCUIT
FIGURE 2. OFF-ISOLATION TEST CIRCUIT
FIGURE 3. CAPACITANCE TEST CIRCUIT
FIGURE 4. CROSSTALK TEST CIRCUIT
FIGURE 5. POWER OFF LEAKAGE TEST CIRCUIT
VDD
C
NOx OR NCx
COMx
INx
GND
VNO/NC
V1
rON = V1/Icom
Icom
Repeat test for all switches.
VIN
ANALYZER
RL
50
Ω SIGNAL
GENERATOR
C
0V OR V+
NO OR NC
COM
IN
GND
Signal direction through switch is reversed, worst case values
are recorded.
VDD
VDD
C
GND
NOx/NCx
COMx
INx
IMPEDANCE
ANALYZER
0V OR
VDD
COM is connected to NO or NC
during ON capacitance measurement.
ANALYZER
VDD
C
NO1/NC1
50
Ω SIGNAL
GENERATOR
RL
GND
INx
COM1
50
Ω
NC
COMx
NOx/NCx
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
VIN
VDD
GND
NOx OR NCx
COMx
INx
A
5.25V
NOTE: OEx such that switch is disabled
ISL54230


Similar Part No. - ISL54230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
ISL54230 INTERSIL-ISL54230 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
ISL54230IIZ-T RENESAS-ISL54230IIZ-T Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
ISL54230IRTZ RENESAS-ISL54230IRTZ Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
More results

Similar Description - ISL54230

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com