Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59920 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL59920
Description  Triple Analog Video Delay Lines
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59920 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59920 Datasheet HTML 4Page - Intersil Corporation ISL59920 Datasheet HTML 5Page - Intersil Corporation ISL59920 Datasheet HTML 6Page - Intersil Corporation ISL59920 Datasheet HTML 7Page - Intersil Corporation ISL59920 Datasheet HTML 8Page - Intersil Corporation ISL59920 Datasheet HTML 9Page - Intersil Corporation ISL59920 Datasheet HTML 10Page - Intersil Corporation ISL59920 Datasheet HTML 11Page - Intersil Corporation ISL59920 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6826.1
May 28, 2009
FIGURE 14. ISL59923 NOISE SPECTRUM (10k TO 500MHz)
FIGURE 15. ISL59920 RISE/FALL TIME vs DELAY TIME
(GAIN = 2)
FIGURE 16. ISL59921 RISE/FALL TIME vs DELAY TIME
(GAIN = 2)
FIGURE 17. ISL59922 RISE/FALL TIME vs DELAY TIME
(GAIN = 2)
FIGURE 18. ISL59923 RISE/FALL TIME vs DELAY TIME
(GAIN = 2)
FIGURE 19. HARMONIC DISTORTION vs FREQUENCY
Typical Performance Curves (Continued)
0
50
100
150
200
250
0M
100M
200M
300M
400M
500M
600M
FREQUENCY (Hz)
OUTPUT REFERRED
GAIN = 2
FALL
RISE
0
0.5
1.0
1.5
2.0
2.5
3.0
12 16 20 24 28 32 36 40 44 48 52 56 60
DELAY (ns)
04
8
0
0.5
1.0
1.5
2.0
2.5
3.0
12
16
20
24
28
32
36
40
44
48
DELAY (ns)
04
8
FALL
RISE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14161820 2224 26 28 30 32
DELAY (ns)
FALL
RISE
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
DELAY (ns)
0
FALL
RISE
-80
-70
-60
-50
-40
-30
-20
-10
0
2M
6M
10M
14M
18M
22M
26M
30M
34M
38M
FREQUENCY (Hz)
3RD HD
V+ = +5.0V, V- = -5.0V
VOUT = 1.0VP-P, SINE WAVE
RL = 150Ω
GAIN = 2
2ND HD
2ND HD
ISL59920, ISL59921, ISL59922, ISL59923


Similar Part No. - ISL59920

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
More results

Similar Description - ISL59920

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com