Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1810 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC1810
Description  Dual Channel Synchronized Current Mode PWM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1810 Datasheet(HTML) 3 Page - Texas Instruments

  UCC1810 Datasheet HTML 1Page - Texas Instruments UCC1810 Datasheet HTML 2Page - Texas Instruments UCC1810 Datasheet HTML 3Page - Texas Instruments UCC1810 Datasheet HTML 4Page - Texas Instruments UCC1810 Datasheet HTML 5Page - Texas Instruments UCC1810 Datasheet HTML 6Page - Texas Instruments UCC1810 Datasheet HTML 7Page - Texas Instruments UCC1810 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UCC1810
UCC2810
UCC3810
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for –55°C
≤ TA ≤ 125°C for
UCC1810; –40
°C ≤ TA ≤ 85°C for UCC2810; 0°C ≤ TA ≤ 70°C for UCC3810; VCC = 10V (Note 4); RT = 150k; CT = 120pF;
No Load; TA = TJ. All parameters are the same for both channels.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Section
Gain
(Note 6)
1.20
1.55
1.80
V/V
Maximum Input Signal
COMP = 5V (Note 7)
0.9
1.0
1.1
V
CS Input Bias Current
± 200
nA
CS to OUT Propagation Delay
CS steps from 0V to 1.2V, COMP = 2.5V
75
ns
CS Blank Time
(Note 8)
55
ns
CS Overcurrent Threshold
1.35
1.55
1.85
V
COMP to CS Offset
CS = 0V
0.65
0.95
1.4
V
PWM Section
Maximum Duty Cycle
RT = 150k, CT = 120pF (Note 10)
45
49
50
%
Maximum Duty Cycle
RT = 30k, CT = 120pF (Note 10)
40
45
48
%
Minimum On Time
CS =1.2V, COMP = 5V
130
ns
Output Section
OUT Low Level
IOUT = 20mA
0.12
0.42
V
IOUT = 200mA
0.48
1.10
V
IOUT = 20mA, VCC = 0V
0.7
1.20
V
OUT High Level
(VCC - OUT)
IOUT = –20mA
0.15
0.42
V
IOUT = –200mA
1.20
2.30
V
OUT Rise Time
COUT = 1nF
20
50
ns
OUT Fall Time
COUT = 1nF
30
60
ns
Undervoltage Lockout Section
Start Threshold
9.9
11.3
13.2
V
Stop Threshold
7.5
8.3
9.5
V
Start to Stop Hysteresis
1.7
3.0
4.7
V
ENABLE2 Input Bias Current
ENABLE2 = 0V
–20
–35
–55
µA
ENABLE2 Input Threshold
Voltage
0.80
1.53
2.00
V
Overall Section
Startup Current
VCC < Start Threshold Voltage
0.15
0.25
mA
Operating Supply Current,
Outputs Off
VCC = 10V, FB = 2.75V
2.0
3.0
mA
Operating Supply Current,
Outputs On
VCC = 10V, FB = 0V, CS = 0V, RT = 150k
3.2
5.1
mA
Operating Supply Current,
Outputs On
VCC = 10V, FB = 0V, CS = 0V, RT = 30k
8.5
14.5
mA
VCC Internal Zener Voltage
ICC = 10mA (Note 9)
11.0
12.9
14.0
V
VCC Internal Zener Voltage Minus
Start Threshold Voltage
0.4
1.2
V
Note 4: Adjust VCC above the start threshold before setting at 10V.
Note 5: Oscillator frequency is twice the output frequency.
F
RT
CT
OSC
×
4
Note 6: Current Sense Gain A is defined by:
A
VCOMP
VCS
VCS
V
=≤
00 8
.
.
Note 7: Parameter measured at trip point of latch with FB = 0V.
Note 8: CS Blank Time is measured as the difference between the minimum non-zero on-time and the CS to OUT delay.
Note 9: Start Threshold Voltage and VCC Internal Zener Voltage track each other.
Note 10: Guaranteed by design. Not 100% tested in production.


Similar Part No. - UCC1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1812 TI-UCC1812 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810 TI1-UCC2810_10 Datasheet
357Kb / 12P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Texas Instruments
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com