Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC18500 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC18500
Description  BiCMOS PFC/PWM Combination Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC18500 Datasheet(HTML) 1 Page - Texas Instruments

  UCC18500 Datasheet HTML 1Page - Texas Instruments UCC18500 Datasheet HTML 2Page - Texas Instruments UCC18500 Datasheet HTML 3Page - Texas Instruments UCC18500 Datasheet HTML 4Page - Texas Instruments UCC18500 Datasheet HTML 5Page - Texas Instruments UCC18500 Datasheet HTML 6Page - Texas Instruments UCC18500 Datasheet HTML 7Page - Texas Instruments UCC18500 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UCC18500/1/2/3
UCC28500/1/2/3
UCC38500/1/2/3
PRELIMINARY
DESCRIPTION
The UCC18500 family provides all of the functions necessary for an ac-
tive power factor corrected preregulator and a second stage DC-to-DC
converter. The controller achieves near-unity power factor by shaping
the AC input line current waveform to correspond to the AC input line
voltage using average current mode control. The DC-to-DC converter
uses peak current mode control to perform the step down power con-
version.
The PFC stage is leading edge modulated while the second stage is
trailing edge synchronized to allow for minimum overlap between the
boost and PWM switches. This reduces ripple current in the bulk output
capacitor.
In order to operate with a three to one range of input line voltages, a
line feedforward (VFF) in used to keep input power constant with vary-
ing input voltage. Generation of VFF is done using IAC in conjunction
with an external single pole filter. This not only reduces external parts
count, but avoids the use of high voltage components offering a lower
cost solution. The multiplier then divides the line current by the square
of VFF.
(continued)
BiCMOS PFC/PWM Combination Controller
FEATURES
• Combines PFC and 2nd Stage Down
Converter Function
• Controls Boost PWM to Near-unity Power
Factor
• Accurate Power Limiting
• Average Current Mode Control in PFC
Stage
• Peak Current Mode Control in Second
Stage
• Programmable Oscillator
• Leading Edge/Trailing Edge Modulation
for Reduced Output Ripple Using
SmartSync™
• Low Startup Supply Current
• Synchronized Second Stage Start-up,
with Programmable Soft-start
• Programmable Second Stage Shut-down
SLUS419 - AUGUST 1999
VREF
20
14
12
11
9
4
17
16
GT1
PWRGND
ISENSE1
VCC
OVP/ENBL
VAOUT
1.5V
PKLMT
7.5V
REFERENCE
UVLO
16V/10
+
VCC
15
OSCILLATOR
2
RT
5
CT
S
Q
R
PWM
LATCH
+
PWM
CAOUT
+
+
+
SS2
VOLTAGE
ERROR AMP
8.0V
13
1
3
VSENSE
VFF
19
IAC
18
MOUT
MIRROR
2:1
+
7.5V
ENABLE
PFCOVP
÷
X
X
MULT
CLK1
CURRENT AMP
6.75V
6
GND
10
GT2
VCC
7
8
SECOND STAGE
SOFT START
CLK2
1.5V 1.3V
R
I
LIMIT
CLK2
OSC
CLK1
CLK2
VERR ISENSE2
I
LIMIT
S
Q
R
R
UVLO2
PWM
+
0.25V
(V
FF)
2
ZERO
POWER
BLOCK DIAGRAM
UDG-98189


Similar Part No. - UCC18500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
UCC1857 TI1-UCC1857 Datasheet
154Kb / 11P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
UCC1857 TI1-UCC1857_08 Datasheet
154Kb / 11P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
UCC1858 TI-UCC1858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
UCC1858 TI1-UCC1858 Datasheet
369Kb / 13P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
More results

Similar Description - UCC18500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com