Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CY62126EV30 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part No. CY62126EV30
Description  1-Mbit (64K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126EV30 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62126EV30_09 Datasheet HTML 1Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 2Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 3Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 4Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 5Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 6Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 7Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 8Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MoBL®, CY62126EV30
Document #: 38-05486 Rev. *E
Page 4 of 13
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
VFBGA
Package
TSOP II
Package
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 4.25 x 1.125 inch,
two-layer printed circuit board
58.85
28.2
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
17.01
3.4
°C/W
Figure 3. AC Test Loads and Waveforms
Parameters
2.2V - 2.7V
2.7V - 3.6V
Unit
R1
16600
1103
Ohms
R2
15400
1554
Ohms
RTH
8000
645
Ohms
VTH
1.2
1.75
Volts
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ[1]
Max
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR[7]
Data Retention Current
VCC= VDR, CE > VCC – 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
Industrial
3
μA
Automotive
30
μA
tCDR[8]
Chip Deselect to Data
Retention Time
0ns
tR[9]
Operation Recovery Time
tRC
ns
Figure 4. Data Retention Waveform
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
VTH
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
VCC(min)
VCC(min)
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
VCC
CE
Notes
8. Tested initially and after any design or process changes that may affect these parameters.
9. Full device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 μs.
[+] Feedback


Similar Part No. - CY62126EV30_09

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY62126EV30LL CYPRESS-CY62126EV30LL Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30LL CYPRESS-CY62126EV30LL Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62126EV30LL-45BVXI CYPRESS-CY62126EV30LL-45BVXI Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30LL-45BVXI CYPRESS-CY62126EV30LL-45BVXI Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30LL-45BVXI CYPRESS-CY62126EV30LL-45BVXI Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62126EV30_09

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com