Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CY62126EV30 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY62126EV30
Description  1-Mbit (64K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126EV30 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY62126EV30_09 Datasheet HTML 5Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 6Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 7Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 8Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 9Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 10Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 11Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 12Page - Cypress Semiconductor CY62126EV30_09 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MoBL®, CY62126EV30
Document #: 38-05486 Rev. *E
Page 12 of 13
Document History Page
Document Title: MoBL® CY62126EV30, 1-Mbit (64K x 16) Static RAM
Document Number: 38-05486
Rev.
ECN No. Submission
Date
Orig. of
Change
Description of Change
**
202760
See ECN
AJU
New data sheet
*A
300835
See ECN
SYT
Converted from Advance Information to Preliminary
Specified Typical standby power in the Features Section
Changed E3 ball from DNU to NC in the Pin Configuration for the FBGA Package
and removed the footnote associated with it on page #2
Changed tOHA from 6 ns to 10 ns for both 35- and 45-ns speed bins, respectively
Changed tDOE, tSD from 15 to 18 ns for 35-ns speed bin
Changed tHZOE, tHZBE, tHZWE from 12 and 15 ns to 15 and 18 ns for the 35- and
45-ns speed bins, respectively
Changed tHZCE from 12 and 15 ns to 18 and 22 ns for the 35- and 45-ns speed
bins, respectively
Changed tSCE,tBW from 25 and 40 ns to 30 and 35 ns for the 35- and 45-ns speed
bins, respectively
Changed tAW from 25 to 30 ns and 40 to 35 ns for 35 and 45-ns speed bins respec-
tively
Changed tDBE from 35 and 45 ns to 18 and 22 ns for the 35 and 45 ns speed bins
respectively
Removed footnote that read “BHE.BLE is the AND of both BHE and BLE. Chip can
be deselected by either disabling the chip enable signals or by disabling both BHE
and BLE” on page # 4
Removed footnote that read “If both BHE and BLE are toggled together, then tLZBE
is 10 ns” on page # 5
Added Pb-free package information
*B
461631
See ECN
NXR
Converted from Preliminary to Final
Removed 35 ns Speed Bin
Removed “L” version of CY62126EV30
Changed ICC (Typ) from 8 mA to 11 mA and ICC (max) from 12 mA to 16 mA for f = fmax
Changed ICC (max) from 1.5 mA to 2.0 mA for f = 1 MHz
Changed ISB1, ISB2 (max) from 1 μA to 4 μA
Changed ISB1, ISB2 (Typ) from 0.5 μA to 1 μA
Changed ICCDR (max) from 1.5 μA to 3 μA
Changed the AC Test load Capacitance value from 50 pF to 30 pF
Changed tLZOE from 3 to 5 ns
Changed tLZCE from 6 to 10 ns
Changed tHZCE from 22 to 18 ns
Changed tLZBE from 6 to 5 ns
Changed tPWE from 30 to 35 ns
Changed tSD from 22 to 25 ns
Changed tLZWE from 6 to 10 ns
Updated the Ordering Information table.
*C
925501
See ECN
VKN
Added footnote #7 related to ISB2 and ICCDR
Added footnote #11 related AC timing parameters
*D
1045260
See ECN
VKN
Added Automotive information
Updated Ordering Information table
*E
2631771
01/07/09
NXR/PYRS Changed CE condition from X to L in Truth table for Output Disable mode
Updated template
[+] Feedback


Similar Part No. - CY62126EV30_09

ManufacturerPart #DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY62126EV30LL CYPRESS-CY62126EV30LL Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30LL CYPRESS-CY62126EV30LL Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62126EV30LL-45BVXI CYPRESS-CY62126EV30LL-45BVXI Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30LL-45BVXI CYPRESS-CY62126EV30LL-45BVXI Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30LL-45BVXI CYPRESS-CY62126EV30LL-45BVXI Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62126EV30_09

ManufacturerPart #DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com