Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356IS-3PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT4356IS-3PBF
Description  Surge Stopper with Fault Latchoff
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356IS-3PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT4356IS-3PBF Datasheet HTML 4Page - Linear Technology LT4356IS-3PBF Datasheet HTML 5Page - Linear Technology LT4356IS-3PBF Datasheet HTML 6Page - Linear Technology LT4356IS-3PBF Datasheet HTML 7Page - Linear Technology LT4356IS-3PBF Datasheet HTML 8Page - Linear Technology LT4356IS-3PBF Datasheet HTML 9Page - Linear Technology LT4356IS-3PBF Datasheet HTML 10Page - Linear Technology LT4356IS-3PBF Datasheet HTML 11Page - Linear Technology LT4356IS-3PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT4356-3
8
43563f
PIN FUNCTIONS
AOUT: Amplifier Output. Open collector output of the auxil-
iary amplifier. It is capable of sinking up to 2mA from 80V.
The negative input of the amplifier is internally connected
to a 1.25V reference.
EN: Open-Collector Enable Output. The EN pin goes high
impedance when the voltage at the OUT pin is above (VCC
– 0.7V), indicating the external MOSFET is fully on. The
state of the pin is latched until the OUT pin voltage resets
at below 0.5V and goes back up above 2V. The internal
NPN is capable of sinking up to 3mA of current from 80V
to drive an LED or opto-coupler.
Exposed Pad: Exposed pad may be left open or connected
to device ground (GND).
FB: Voltage Regulator Feedback Input. Connect this pin
to the center tap of the output resistive divider connected
between the OUT pin and ground. During an overvoltage
condition, the GATE pin is servoed to maintain a 1.25V
threshold at the FB pin. This pin is clamped internally to
7V. Tie to GND to disable the OV clamp.
FLT: Open-Collector Fault Output. This pin pulls low
after the voltage at the TMR pin has reached the fault
threshold of 1.25V. It indicates the pass transistor is
about to turn off because either the supply voltage has
stayed at an elevated level for an extended period of
time (voltage fault) or the device is in an overcurrent
condition (current fault). The internal NPN is capable of
sinking up to 3mA of current from 80V to drive an LED or
opto-coupler.
GATE: N-Channel MOSFET Gate Drive Output. The GATE pin
is pulled up by an internal charge pump current source and
clamped to 14V above the OUT pin. Both voltage and cur-
rent amplifiers control the GATE pin to regulate the output
voltage and limit the current through the MOSFET.
GND: Device Ground.
IN+:
Positive Input of the Auxiliary Amplifier. This amplifier
can be used as a level detection comparator with external
hysteresis or linear regulator controlling an external PNP
transistor. This pin is clamped internally to 7V. Connect
to ground if unused.
OUT: Output Voltage Sense Input. This pin senses the
voltage at the source of the N-channel MOSFET and sets
the fault timer current. When the OUT pin voltage reaches
0.7V away from VCC, the EN pin goes high impedance.
SHDN: Shutdown Control Input. The LT4356-3 can be
shut down to a low current mode by pulling the SHDN
pin below the shutdown threshold of 0.6V. Pull this pin
above 1.7V or disconnect it and allow the internal current
source to turn the part back on. After GATE pin pulls low
due to fault time out, the part can be restarted by pull-
ing the SHDN pin low for at least 100μs and pulled high
with a slew rate faster than 10V/ms. The leakage current
to ground at the pin should be limited to no more than
1μA if no pull up device is used to turn the part on. The
SHDN pin can be pulled up to 100V or below GND by 60V
without damage.
SNS: Current Sense Input. Connect this pin to the output of
the current sense resistor. The current limit circuit controls
the GATE pin to limit the sense voltage between VCC and
SNS pins to 50mV. At the same time the sense amplifier
also starts a current source to charge up the TMR pin.
This pin can be pulled below GND by up to 60V, though
the voltage difference with the VCC pin must be limited to
less than 30V. Connect to VCC if unused.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the times for early warning and fault
periods. The current charging up this pin during fault
conditions depends on the voltage difference between the
VCC and OUT pins. When VTMR reaches 1.25V, the FLT pin
pulls low to indicate the detection of a fault condition. If
the condition persists, the pass transistor turns off when
VTMR reaches the threshold of 1.35V. The GATE pin remains
low even after the fault condition has disappeared and the
voltage at the TMR pin has reached 0.5V.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V for normal operation. It
can also be pulled below ground potential by up to 60V
during a reverse battery condition, without damaging the
part. The supply current is reduced to 7μA with all the
functional blocks off.


Similar Part No. - LT4356IS-3PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356IS-3 AD-LT4356IS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356IS-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com