Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356MPS-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT4356MPS-1
Description  Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356MPS-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT4356MPS-1 Datasheet HTML 3Page - Linear Technology LT4356MPS-1 Datasheet HTML 4Page - Linear Technology LT4356MPS-1 Datasheet HTML 5Page - Linear Technology LT4356MPS-1 Datasheet HTML 6Page - Linear Technology LT4356MPS-1 Datasheet HTML 7Page - Linear Technology LT4356MPS-1 Datasheet HTML 8Page - Linear Technology LT4356MPS-1 Datasheet HTML 9Page - Linear Technology LT4356MPS-1 Datasheet HTML 10Page - Linear Technology LT4356MPS-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT4356MP-1/LT4356MP-2
7
4356mp12f
PIN FUNCTIONS
+
+
+
VCC
SHDN
IN+
AUXILIARY
AMPLIFIER
IA
1.25V
50mV
2μA
1.35V
1.25V
+
1.25V
0.5V
SNS
TMR
GND
GATE
14V
AOUT
OUT
4356mp12 BD
VCC
ITMR
FLT
EN
FB
CHARGE
PUMP
CONTROL
LOGIC
GATEOFF
FLT
OUT
OV
OC
VA
SHDN
RESTART
should be limited to no more than 1μA if no pull-up device
is used to turn the part on. The SHDN pin can be pulled up
to 100V or below GND by 60V without damage.
SNS: Current Sense Input. Connect this pin to the output of
the current sense resistor. The current limit circuit controls
the GATE pin to limit the sense voltage between VCC and
SNS pins to 50mV. At the same time the sense amplifier
also starts a current source to charge up the TMR pin.
This pin can be pulled below GND by up to 60V, though
the voltage difference with the VCC pin must be limited to
less than 30V. Connect to VCC if unused.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the times for early warning, fault
and cooldown periods. The current charging up this pin
during fault conditions depends on the voltage difference
between the VCC and OUT pins. When VTMR reaches 1.25V,
the FLT pin pulls low to indicate the detection of a fault
condition. If the condition persists, the pass transistor
turns off when VTMR reaches the threshold of 1.35V. As
soon as the fault condition disappears, the pull-up current
stops and a 2μA current starts to pull the TMR pin down.
When VTMR reaches the retry threshold of 0.5V, the GATE
pin pulls high turning back on the pass transistor.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V for normal operation. It
can also be pulled below ground potential by up to 60V
during a reverse battery condition, without damaging the
part. The supply current is reduced to 7μA with all the
functional blocks off.
BLOCK DIAGRAM


Similar Part No. - LT4356MPS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356MPS-3 AD-LT4356MPS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356MPS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com