Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356MPS-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT4356MPS-1
Description  Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356MPS-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4356MPS-1 Datasheet HTML 6Page - Linear Technology LT4356MPS-1 Datasheet HTML 7Page - Linear Technology LT4356MPS-1 Datasheet HTML 8Page - Linear Technology LT4356MPS-1 Datasheet HTML 9Page - Linear Technology LT4356MPS-1 Datasheet HTML 10Page - Linear Technology LT4356MPS-1 Datasheet HTML 11Page - Linear Technology LT4356MPS-1 Datasheet HTML 12Page - Linear Technology LT4356MPS-1 Datasheet HTML 13Page - Linear Technology LT4356MPS-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT4356MP-1/LT4356MP-2
10
4356mp12f
Fault Timer Current
The timer current starts at around 2μA with 0.5V or less
of VDS, increasing linearly to 50μA with 75V of VDS dur-
ing an overvoltage fault (Figure 1). During an overcurrent
fault, it starts at 4μA with 0.5V or less of VDS but increases
to 260μA with 80V across the MOSFET (Figure 2). This
arrangement allows the pass transistor to turn off faster
during an overcurrent event, since more power is dissipated
during this condition. Refer to the Typical Performance
Characteristics section for the timer current at different
VDS in both overvoltage and overcurrent events.
When the voltage at the TMR pin, VTMR, reaches the 1.25V
threshold, the FLT pin pulls low to indicate the detection
of a fault condition and provide warning to the load of
the impending power loss. In the case of an overvoltage
fault, the timer current then switches to a fixed 5μA. The
interval between FLT asserting low and the MOSFET turn-
ing off is given by:
tWARNING =
CTMR • 100mV
5µA
APPLICATIONS INFORMATION
Figure 1. Overvoltage Fault Timer Current
Figure 2. Overcurrent Fault Timer Current
tFLT
= 15ms/μF
TOTAL FAULT TIMER = tFLT + tWARNING
tWARNING
= 20ms/μF
tFLT = 93.75ms/μF
tWARNING
= 20ms/μF
VTMR(V)
ITMR = 5μA
ITMR = 5μA
VDS = 75V
(ITMR = 50μA)
VDS = 10V
(ITMR = 8μA)
1.35
1.25
TIME
4356mp12 F01
0.50
tFLT
= 2.88ms/μF
TOTAL FAULT TIMER = tFLT + tWARNING
tFLT = 21.43ms/μF
tWARNING
= 2.86ms/μF
tWARNING
= 0.38ms/μF
VTMR(V)
VDS = 10V
(ITMR = 35μA)
1.35
1.25
0.50
TIME
4356mp12 F02
VDS = 80V
(ITMR = 260μA)


Similar Part No. - LT4356MPS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356MPS-3 AD-LT4356MPS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356MPS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com