Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356CMS-3TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT4356CMS-3TRPBF
Description  Surge Stopper with Fault Latchoff
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356CMS-3TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4356CMS-3TRPBF Datasheet HTML 2Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 3Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 4Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 5Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 6Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 7Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 8Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 9Page - Linear Technology LT4356CMS-3TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT4356-3
6
43563f
Overcurrent TMR Current vs
(VCC – VOUT)
Warning Period
TMR Current vs VCC
TMR Pull-Down Current vs
Temperature
VCC – VOUT (V)
0
0
40
80
120
160
20
40
60
80
43563 G13
200
280
240
10
30
50
70
OVERCURRENT CONDITION
VOUT = 0V
VTMR = 1V
VCC (V)
0
20406080
43563 G14
10
30
50
70
0
4
2
6
8
10
12
14
OVERVOLTAGE, EARLY
WARNING PERIOD
VFB = 1.5V
VTMR = 1.3V
TEMPERATURE (°C)
–50
0
0
50
100
125
43563 G15
3.0
2.5
2.0
1.5
1.0
0.5
–25
25
75
VTMR = 1V
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.
ΔVGATE vs Temperature
ΔVGATE vs VCC
Overvoltage TMR Current vs
(VCC – VOUT)
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
0
4
2
6
8
10
43563 G10
12
14
IGATE = –1μA
VCC = 8V
VCC = 4V
VCC (V)
0
20406080
43563 G11
10
30
50
70
0
4
2
6
8
10
12
16
14
IGATE = –1μA
VOUT = VCC
TA = –45°C
TA = 25°C
TA = 130°C
VCC – VOUT (V)
0
0
8
16
24
32
20
40
60
80
43563 G12
40
48
10
30
50
70
OVERVOLTAGE CONDITION
VOUT = 5V
VTMR = 1V


Similar Part No. - LT4356CMS-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356CMS-3 AD-LT4356CMS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356CMS-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com