Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356CS-3TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT4356CS-3TRPBF
Description  Surge Stopper with Fault Latchoff
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356CS-3TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT4356CS-3TRPBF Datasheet HTML 1Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 2Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 3Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 4Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 5Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 6Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 7Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 8Page - Linear Technology LT4356CS-3TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT4356-3
5
43563f
SHDN Current vs Temperature
GATE Pull-Up Current vs VCC
GATE Pull-Up Current vs
Temperature
GATE Pull-Down Current vs
Temperature
GATE Pull-Down Current vs
Temperature
ΔVGATE vs IGATE
TEMPERATURE (°C)
–50
0
1
2
3
0
50
100
125
43563 G04
4
6
5
–25
25
75
VSHDN = 0V
VCC (V)
0
0
10
20
30
5
15
25
35
20
40
60
80
43563 G05
40
10
30
50
70
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100
125
43563 G06
25
35
30
–25
25
75
VGATE = VOUT = 12V
TEMPERATURE (°C)
–50
100
120
140
160
0
50
100
125
43563 G07
180
220
200
–25
25
75
OVERVOLTAGE CONDITION
VFB = 1.5V
TEMPERATURE (°C)
–50
0
2
4
6
0
50
100
125
43563 G08
8
12
10
–25
25
75
OVERCURRENT CONDITION
ΔVSNS = 120mV
IGATE (μA)
0
0
4
2
6
8
10
4
8
12
16
43563 G09
12
14
2
6
10
14
VOUT = 12V
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.


Similar Part No. - LT4356CS-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356CS-3 AD-LT4356CS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356CS-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com