Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356IS-3TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT4356IS-3TRPBF
Description  Surge Stopper with Fault Latchoff
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356IS-3TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT4356IS-3TRPBF Datasheet HTML 1Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 2Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 3Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 4Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 5Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 6Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 7Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 8Page - Linear Technology LT4356IS-3TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT4356-3
4
43563f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
the OUT pin. Driving this pin to voltages beyond the clamp may damage
the device.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVOUT
OUT Pin High Threshold
ΔVOUT = VCC – VOUT; EN From Low to High
l
0.25
0.5
0.7
V
VSHDN
SHDN Pin Threshold
VCC = 12V to 48V
l
0.6
0.4
1.4
1.7
2.1
V
V
VSHDN(FLT) SHDN Pin Float Voltage
VCC = 12V to 48V
l
0.6
1.2
2
V
ISHDN
SHDN Pin Current
VSHDN = 0V
l
–1
–4
–8
μA
tOFF(OC)
Overcurrent Turn Off Delay Time
GATE From High to Low,
ΔVSNS = 0 → 120mV
l
24
μs
tOFF(OV)
Overvoltage Turn Off Delay Time
GATE From High to Low, VFB = 0 → 1.5V
l
0.25
1
μs
TYPICAL PERFORMANCE CHARACTERISTICS
ICC (Shutdown) vs VCC
ICC vs VCC
ICC (Shutdown) vs Temperature
VCC (V)
0
0
10
20
30
40
20
40
60
80
43563 G01
50
60
10
30
50
70
VCC (V)
0
0
200
400
600
20
40
60
80
43563 G02
800
1000
10
30
50
70
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100
125
43563 G03
25
35
30
–25
25
75
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.


Similar Part No. - LT4356IS-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356IS-3 AD-LT4356IS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356IS-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com