Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-SF25ITR Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK11C68-SF25ITR
Description  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-SF25ITR Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK11C68-SF25ITR Datasheet HTML 1Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 2Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 3Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 4Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 5Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 6Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 7Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 8Page - Cypress Semiconductor STK11C68-SF25ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
STK11C68
64 Kbit (8K x 8) SoftStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-50638 Rev. **
Revised January 30, 2009
Features
25 ns, 35 ns, and 45 ns access times
Pin compatible with industry standard SRAMs
Software initiated nonvolatile STORE
Unlimited Read and Write endurance
Automatic RECALL to SRAM on power up
Unlimited RECALL cycles
1,000,000 STORE cycles
100 year data retention
Single 5V+10% operation
Commercial and industrial temperature
28-pin (330 mil) SOIC package
28-pin (300 mil) CDIP and 28-pad (350 mil) LCC packages
RoHS compliance
Functional Description
The Cypress STK11C68 is a 64Kb fast static RAM with a nonvol-
atile element in each memory cell. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM provides
unlimited read and write cycles, while independent nonvolatile
data resides in the highly reliable QuantumTrap cell. Data
transfers under software control from SRAM to the nonvolatile
elements (the STORE operation). On power up, data is automat-
ically restored to the SRAM (the RECALL operation) from the
nonvolatile memory. RECALL operations are also available
under software control.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
128 X 512
Quantum Trap
128 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A0
- A12
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback


Similar Part No. - STK11C68-SF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C68-SF25ITR SIMTEK-STK11C68-SF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C68-SF25ITR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com