Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-5L35M Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # STK11C68-5L35M
Description  64 Kbit (8K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-5L35M Datasheet(HTML) 2 Page - Cypress Semiconductor

  STK11C68-5L35M Datasheet HTML 1Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 2Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 3Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 4Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 5Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 6Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 7Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 8Page - Cypress Semiconductor STK11C68-5L35M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STK11C68-5 (SMD5962-92324)
Document Number: 001-51001 Rev. *A
Page 2 of 15
Pinouts
Pin Definitions
Pin Name
Alt
I/O Type
Description
A0–A12
Input
Address Inputs. Used to select one of the 8,192 bytes of the nvSRAM.
DQ0-DQ7
Input/Output
Bidirectional Data I/O Lines. Used as input or output lines depending on operation.
WE
W
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the I/O
pins is written to the specific address location.
CE
E
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the
chip.
OE
G
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during
read cycles. Deasserting OE HIGH causes the I/O pins to tristate.
VSS
Ground
Ground for the Device. The device is connected to ground of the system.
VCC
Power Supply Power Supply Inputs to the Device.
Figure 1. Pin Diagram - 28-Pin DIP
Figure 2. Pin Diagram - 28-Pin LLC
[+] Feedback


Similar Part No. - STK11C68-5L35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68-5L35M ETC-STK11C68-5L35M Datasheet
59Kb / 10P
   CMOS NV SRAM
More results

Similar Description - STK11C68-5L35M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com