Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-SF25TR Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK12C68-SF25TR
Description  64 Kbit (8K x 8) AutoStore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-SF25TR Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK12C68-SF25TR Datasheet HTML 1Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 2Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 3Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 4Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 5Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 6Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 7Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 8Page - Cypress Semiconductor STK12C68-SF25TR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
STK12C68
64 Kbit (8K x 8) AutoStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-51027 Rev. **
Revised January 30, 2009
Features
25 ns, 35 ns, and 45 ns access times
Hands off automatic STORE on power down with external 68
µF capacitor
STORE to QuantumTrap™ nonvolatile elements is initiated by
software, hardware, or AutoStore™ on power down
RECALL to SRAM initiated by software or power up
Unlimited Read, Write, and Recall cycles
1,000,000 STORE cycles to QuantumTrap
100 year data retention to QuantumTrap
Single 5V+10% operation
Commercial and industrial temperatures
228-pin (330mil) SOIC, 28-pin (300mil) PDIP, 28-pin (600mil)
PDIP packages
28-pin (300 mil) CDIP and 28-pad (350 mil) LCC packages
RoHS compliance
Functional Description
The Cypress STK12C68 is a fast static RAM with a nonvolatile
element in each memory cell. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM provides
unlimited read and write cycles, while independent nonvolatile
data resides in the highly reliable QuantumTrap cell. Data
transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power down. On
power up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control. A hardware
STORE is initiated with the HSB pin.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
128 X 512
Quantum Trap
128 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A0
- A12
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback


Similar Part No. - STK12C68-SF25TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK12C68-SF25TR SIMTEK-STK12C68-SF25TR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK12C68-SF25TR CYPRESS-STK12C68-SF25TR Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
More results

Similar Description - STK12C68-SF25TR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com