Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-5K45M Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STK11C68-5K45M
Description  64 Kbit (8K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-5K45M Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STK11C68-5K45M Datasheet HTML 2Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 3Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 4Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 5Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 6Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 7Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 8Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 9Page - Cypress Semiconductor STK11C68-5K45M Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STK11C68-5 (SMD5962-92324)
Document Number: 001-51001 Rev. *A
Page 6 of 15
Thermal Resistance
In this table, the thermal resistance parameters are listed.[3]
Parameter
Description
Test Conditions
28-CDIP
28-LCC
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and proce-
dures for measuring thermal impedance, per EIA /
JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Figure 5. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 480
Ω
R2
255
Ω
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times (10% to 90%) ...................... <5 ns
Input and Output Timing Reference Levels .................... 1.5V
[+] Feedback


Similar Part No. - STK11C68-5K45M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68-5K45M ETC-STK11C68-5K45M Datasheet
59Kb / 10P
   CMOS NV SRAM
More results

Similar Description - STK11C68-5K45M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com