Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK17TA8-RF25I Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # STK17TA8-RF25I
Description  128k X 8 AutoStore nvSRAM with Real Time Clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17TA8-RF25I Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK17TA8-RF25I Datasheet HTML 6Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 7Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 8Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 9Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 10Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 11Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 12Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 13Page - Cypress Semiconductor STK17TA8-RF25I Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
STK17TA8
Document #: 001-52039 Rev. **
Page 10 of 23
Hardware STORE Cycle
Figure 12. Hardware STORE Cycle
Soft Sequence Commands
Figure 13. Soft Sequence Commands
NO.
Symbols
Parameter
STK17TA8
Units
Notes
Standard
Alternate
Min
Max
31
tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μs14
32
tHLHX
Hardware STORE Pulse Width
15
ns
32
23
31
Notes
14. On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow READ/WRITE cycles to compete.
15. This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register command.
16. Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
NO.
Symbols
Parameter
STK17TA8
Units
Notes
Standard
Min
Max
33
tSS
Soft Sequence Processing Time
70
μs
15,16
33
33
[+] Feedback


Similar Part No. - STK17TA8-RF25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK17TA8-RF25I ETC-STK17TA8-RF25I Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Similar Description - STK17TA8-RF25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17TA8 ETC-STK17TA8 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com