Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-NF25I Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # STK14CA8-NF25I
Description  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-NF25I Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STK14CA8-NF25I Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 9Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 10Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 11Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 12Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 13Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 14Page - Cypress Semiconductor STK14CA8-NF25I Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 11 of 16
nvSRAM Operation
nvSRAM
The STK14CA8 nvSRAM has two functional components paired
in the same physical cell. These are the SRAM memory cell and
a nonvolatile QuantumTrap cell. The SRAM memory cell
operates similar to a standard fast static RAM. Data in the SRAM
can be transferred to the nonvolatile cell (the STORE operation),
or from the nonvolatile cell to SRAM (the RECALL operation).
This unique architecture allows all cells to be stored and recalled
in parallel. During the STORE and RECALL operations, SRAM
READ and WRITE operations are inhibited. The STK14CA8
supports unlimited read and writes similar to a typical SRAM. In
addition, it provides unlimited RECALL operations from the
nonvolatile cells and up to 200K STORE operations.
SRAM READ
The STK14CA8 performs a READ cycle whenever E and G are
low while W and HSB are high. The address specified on pins
A0-16 determine which of the 131,072 data bytes are accessed.
When the READ is initiated by an address transition, the outputs
are valid after a delay of tAVQV (READ cycle #1). If the READ is
initiated by E and G, the outputs are valid at tELQV or at tGLQV,
whichever is later (READ cycle #2). The data outputs repeatedly
responds to address changes within the tAVQV access time
without the need for transitions on any control input pins, and
remains valid until another address change or until E or G is
brought high, or W and HSB is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are low and HSB
is high. The address inputs must be stable prior to entering the
WRITE cycle and must remain stable until either E or W goes
high at the end of the cycle. The data on the common I/O pins
DQ0-7 are written into memory if it is valid tDVWH before the end
of a W controlled WRITE or tDVEH before the end of an E
controlled WRITE.
It is recommended that G be kept high during the entire WRITE
cycle to avoid data bus contention on common I/O lines. If G is
left low, internal circuitry turns off the output buffers tWLQZ after
W goes low.
AutoStore Operation
The STK14CA8 stores data to nvSRAM using one of three
storage operations. These three operations are Hardware Store
(activated by HSB), Software Store (activated by an address
sequence), and AutoStore (on power down).
AutoStore operation is a unique feature of Cypress Quantum
Trap technology is enabled by default on the STK14CA8.
During normal operation, the device draws current from VCC to
charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE operation.
If the voltage on the VCC pin drops below VSWITCH, the part
automatically disconnects the VCAP pin from VCC. A STORE
operation is initiated with power provided by the VCAP capacitor.
Figure 15 shows the proper connection of the storage capacitor
(VCAP) for automatic store operation. Refer to DC Characteristics
on page 3 for the size of the capacitor. The voltage on the VCAP
pin is driven to 5V by a charge pump internal to the chip. A pull
up should be placed on W to hold it inactive during power up.
To
reduce
unneeded
nonvolatile
stores,
AutoStore
and
Hardware Store operations are ignored unless at least one
WRITE operation has taken place since the most recent STORE
or RECALL cycle. Software initiated STORE cycles are
performed regardless of whether a WRITE operation has taken
place. The HSB signal can be monitored by the system to detect
an AutoStore cycle is in progress.
Figure 15. AutoStore Mode
Hardware STORE (HSB) Operation
The STK14CA8 provides the HSB pin for controlling and
acknowledging the STORE operations. The HSB pin is used to
request a hardware STORE cycle. When the HSB pin is driven
low, the STK14CA8 conditionally initiates a STORE operation
after tDELAY. An actual STORE cycle only begins if a WRITE to
the SRAM took place since the last STORE or RECALL cycle.
The HSB pin has a very resistive pull up and is internally driven
low to indicate a busy condition while the STORE (initiated by
any means) is in progress. This pin should be externally pulled
up if it is used to drive other inputs.
SRAM READ and WRITE operations that are in progress when
HSB is driven low by any means are given time to complete
before the STORE operation is initiated. After HSB goes low, the
STK14CA8 continues to allow SRAM operations for tDELAY.
During tDELAY, multiple SRAM READ operations may take place.
If a WRITE is in progress when HSB is pulled low, it is allowed a
time tDELAY to complete. However, any SRAM WRITE cycles
requested after HSB goes low are inhibited until HSB returns
high.
If HSB is not used, it should be left unconnected.
Hardware RECALL (Power Up)
During
power
up
or
after
any
low
power
condition
(VCC<VSWITCH), an internal RECALL request is latched. When
VCC again exceeds the sense voltage of VSWITCH, a RECALL
cycle is automatically initiated and takes tHRECALL to complete.
VCC
VCC
VCAP
W
[+] Feedback


Similar Part No. - STK14CA8-NF25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14CA8-NF25I ETC-STK14CA8-NF25I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25ITR SIMTEK-STK14CA8-NF25ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25ITR SIMTEK-STK14CA8-NF25ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-NF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com