Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK17T88-RF45ITR Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # STK17T88-RF45ITR
Description  32K x 8 AutoStore nvSRAM with Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88-RF45ITR Datasheet(HTML) 3 Page - Cypress Semiconductor

  STK17T88-RF45ITR Datasheet HTML 1Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 2Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK17T88-RF45ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STK17T88
Document Number: 001-52040 Rev. *A
Page 3 of 22
Absolute Maximum Ratings
Voltage on Input Relative to Ground.................–0.5V to 4.1V
Voltage on Input Relative to V
SS ...........–0.5V to (V
CC + 0.5V)
Voltage on DQ
0-7 or HSB ......................–0.5V to (V
CC + 0.5V)
Temperature under Bias ............................... –55
°C to 125°C
Junction Temperature ................................... –55
°C to 140°C
Storage Temperature .................................... –65
°C to 150°C
Power Dissipation ............................................................. 1W
DC Output Current (1 output at a time, 1s duration).... 15 mA
RF (SSOP-48) Package Thermal Characteristics
θ
jc 6.2 C/W; θja 51.1 [0fpm], 44.7 [200fpm], 41.8 C/W [500fpm]
Note: Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device
at conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Note:The HSB pin has IOUT=-10uA for VOH of 2.4V, this parameter is characterized but not tested.
Note:The INT is open-drain and does not source or sink high current when interrupt Register bit D3 is below.
DC Characteristics
(VCC = 2.7V-3.6V)
Symbol
Parameter
Commercial
Industrial
Units
Notes
Min
Max
Min
Max
ICC1
Average VCC Current
65
50
70
55
mA
mA
tAVAV = 25 ns
tAVAV = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads.
ICC2
Average VCC Current
during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
Average current for duration of STORE
cycle (tSTORE)
ICC3
Average VCC Current
at tAVAV = 200ns
3V, 25°C, Typical
10
10
mA
W
≥ (V
CC– 0.2V)
All Other Inputs Cycling at CMOS Levels
Dependent on output loading and cycle rate.
Values obtained without output loads.
ICC4
Average VCAP
Current during
AutoStore™ Cycle
3
3
mA
All Inputs Don’t Care
Average current for duration of STORE cycle
(tSTORE)
ISB
VCC Standby Current
(Standby, Stable
CMOS Levels)
33
mA
E
≥ (V
CC -0.2V)
All Others VIN≤ 0.2V or ≥ (VCC-0.2V)
Standby current level after nonvolatile cycle
complete
IILK
Input Leakage
Current
±1
±1
µAV
CC = max
VIN = VSS to VCC
IOLK
Off-State Output
Leakage Current
±1
±1
µAV
CC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1”
Voltage
2.0
VCC + 0.5
2.0
VCC + 0.5
V
All Inputs
VIL
Input Logic “0”
Voltage
VSS –0.5
0.8
VSS –0.5
0.8
V
All Inputs
[+] Feedback


Similar Part No. - STK17T88-RF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

Similar Description - STK17T88-RF45ITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com