Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK22C48-SF45ITR Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STK22C48-SF45ITR
Description  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-SF45ITR Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STK22C48-SF45ITR Datasheet HTML 2Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 9Page - Cypress Semiconductor STK22C48-SF45ITR Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 6 of 14
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Temperature under bias.............................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND ..........–0.5V to 7.0V
Voltage on Input Relative to Vss............ –0.6V to VCC + 0.5V
Voltage on DQ0-7 or HSB .......................–0.5V to Vcc + 0.5V
Power Dissipation ......................................................... 1.0W
DC Output Current (1 output at a time, 1s duration).... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
4.5V to 5.5V
Industrial
-40
°C to +85°C
4.5V to 5.5V
DC Electrical Characteristics
Over the operating range (VCC = 4.5V to 5.5V)
[3]
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current
tRC = 25 ns
tRC = 45 ns
Dependent on output loading and cycle
rate. Values obtained without output loads.
IOUT = 0 mA.
Commercial
85
65
mA
mA
Industrial
90
65
mA
mA
ICC2
Average VCC Current during
STORE
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
3mA
ICC3
Average VCC Current at tRC=
200 ns, 5V, 25°C Typical
WE > (VCC – 0.2V). All other inputs cycling.
Dependent on output loading and cycle rate. Values
obtained without output loads.
10
mA
ICC4
Average VCAP Current during
AutoStore Cycle
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
2mA
ISB1
[4]
Average Vcc Current
(Standby, Cycling TTL Input
Levels)
tRC = 25 ns, CE > VIH
tRC = 45 ns, CE > VIH
Commercial
25
18
mA
mA
Industrial
26
19
mA
mA
ISB2
[4]
VCC Standby Current
CE > (VCC – 0.2V). All others VIN < 0.2V or > (VCC – 0.2V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
1.5
mA
IILK
Input Leakage Current
VCC = Max, VSS < VIN < VCC
-1
+1
μA
IOLK
Off State Output Leakage
Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
-5
+5
μA
VIH
Input HIGH Voltage
2.2
VCC +
0.5
V
VIL
Input LOW Voltage
VSS – 0.5
0.8
V
VOH
Output HIGH Voltage
IOUT = –4 mA except HSB
2.4
V
VOL
Output LOW Voltage
IOUT = 8 mA except HSB
0.4
V
VBL
Logic ‘0’ Voltage on HSB Output IOUT = 3 mA
0.4
V
VCAP
Storage Capacitor
Between VCAP pin and Vss, 6V rated. 68 uF -10%, +20%
nom.
61
220
µF
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
100
Years
NVC
Nonvolatile STORE Operations
1,000
K
Notes
3. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
4. CE > VIH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback


Similar Part No. - STK22C48-SF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

Similar Description - STK22C48-SF45ITR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com