Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK22C48-SF45I Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STK22C48-SF45I
Description  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-SF45I Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STK22C48-SF45I Datasheet HTML 5Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 6Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 7Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 8Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 9Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 10Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 11Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 12Page - Cypress Semiconductor STK22C48-SF45I Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 9 of 14
SRAM Write Cycle
Parameter
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tWC
tAVAV
Write Cycle Time
25
45
ns
tPWE
tWLWH, tWLEH
Write Pulse Width
20
30
ns
tSCE
tELWH, tELEH
Chip Enable To End of Write
20
30
ns
tSD
tDVWH, tDVEH
Data Setup to End of Write
10
15
ns
tHD
tWHDX, tEHDX
Data Hold After End of Write
0
0
ns
tAW
tAVWH, tAVEH
Address Setup to End of Write
20
30
ns
tSA
tAVWL, tAVEL
Address Setup to Start of Write
0
0
ns
tHA
tWHAX, tEHAX
Address Hold After End of Write
0
0
ns
tHZWE
[8,9]
tWLQZ
Write Enable to Output Disable
10
14
ns
tLZWE
[8]
tWHQX
Output Active After End of Write
5
5
ns
Switching Waveforms
Figure 9. SRAM Write Cycle 1: WE Controlled [10, 11]
Figure 10. SRAM Write Cycle 2: CE Controlled [10, 11]
tWC
tSCE
tHA
tAW
tSA
tPWE
tSD
tHD
tHZWE
tLZWE
ADDRESS
CE
WE
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
tWC
ADDRESS
tSA
tSCE
tHA
tAW
tPWE
tSD
tHD
CE
WE
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
Notes
9. If WE is Low when CE goes Low, the outputs remain in the high impedance state.
10. HSB must be high during SRAM Write cycles.
11. CE or WE must be greater than VIH during address transitions.
[+] Feedback


Similar Part No. - STK22C48-SF45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48-SF45I SIMTEK-STK22C48-SF45I Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45I SIMTEK-STK22C48-SF45I Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-SF45ITR SIMTEK-STK22C48-SF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

Similar Description - STK22C48-SF45I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com