Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-RF45ITR Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # STK14CA8-RF45ITR
Description  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-RF45ITR Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK14CA8-RF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 9Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 10Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 11Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 12Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 13Page - Cypress Semiconductor STK14CA8-RF45ITR Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 10 of 16
Mode Selection
E
W
G
A16-A0
Mode
I/O
Power
Notes
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
0x08B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
17, 18, 19
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
0x04B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
17, 18, 19
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Output Data
Output Data
Output Data
Output Data
Output Data
Active
17, 18, 19
0x08FC0
Nonvolatile Store
Output High Z
ICC2
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
0x04C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
17, 18, 19
Notes
17. The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
18. While there are 17 addresses on the STK14CA8, only the lower 16 are used to control software modes
19. I/O state depends on the state of G. The I/O table shown assumes G low
[+] Feedback


Similar Part No. - STK14CA8-RF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8-RF45ITR SIMTEK-STK14CA8-RF45ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF45ITR SIMTEK-STK14CA8-RF45ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-RF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com